Electronic Components Datasheet Search
  English  ▼

X  

LR1553 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR1553
Description  0.6 Low Ron??0MHz High BW SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1553 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR1553 Datasheet HTML 1Page - Leshan Radio Company LR1553 Datasheet HTML 2Page - Leshan Radio Company LR1553 Datasheet HTML 3Page - Leshan Radio Company LR1553 Datasheet HTML 4Page - Leshan Radio Company LR1553 Datasheet HTML 5Page - Leshan Radio Company LR1553 Datasheet HTML 6Page - Leshan Radio Company LR1553 Datasheet HTML 7Page - Leshan Radio Company LR1553 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEST SETUP CIRCUITS
100mA
V1
Ron=V1/ 100mA
A
LR1553
VB0 or VB1
VCC
GND
VCC
0.1uF
VB1 or VB0
Figure1. Test Circuit for On Resister
VCC
A
LR1553
S
50 ohm
VOUT
50 ohm
DC=VCC/ 2
AC=1
B0 or
VCC
GND
VCC
0.1uF
GND
B1
Figure2. Test Circuit for Bandwidth
VCC
A
LR1553
S
50 ohm
VOUT
50 ohm
DC=VCC/ 2
AC=1
B0 or B1
VCC
GND
VCC
0.1uF
GND
Figure3. Test Circuit for Off Isolation
Leshan Radio Co ., Ltd
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com