Electronic Components Datasheet Search
  English  ▼

X  

MPC974 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC974
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC974 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC974 Datasheet HTML 1Page - Motorola, Inc MPC974 Datasheet HTML 2Page - Motorola, Inc MPC974 Datasheet HTML 3Page - Motorola, Inc MPC974 Datasheet HTML 4Page - Motorola, Inc MPC974 Datasheet HTML 5Page - Motorola, Inc MPC974 Datasheet HTML 6Page - Motorola, Inc MPC974 Datasheet HTML 7Page - Motorola, Inc MPC974 Datasheet HTML 8Page - Motorola, Inc MPC974 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MPC974
TIMING SOLUTIONS
BR1333 — Rev 6
5
MOTOROLA
Figure 3. MPC974 Programming Schemes
TCLK
FB_In
Qa
Qb
Qc
QFB
5
5
4
66MHz
66MHz
33MHz
33MHz
33MHz
fsela
0
fselb
0
fselc
0
fselFB
00
VCO_Sel
0
TCLK
FB_In
Qa
Qb
Qc
QFB
5
5
4
100MHz
50MHz
33MHz
33MHz
33MHz
fsela
0
fselb
1
fselc
1
fselFB
10
VCO_Sel
0
TCLK
FB_In
Qa
Qb
Qc
QFB
5
5
4
100MHz
50MHz
33MHz
25MHz
25MHz
fsela
0
fselb
1
fselc
1
fselFB
01
VCO_Sel
0
TCLK
FB_In
Qa
Qb
Qc
QFB
5
5
4
50MHz
50MHz
50MHz
50MHz
50MHz
fsela
1
fselb
1
fselc
0
fselFB
00
VCO_Sel
0
To minimize part–to–part skew the external feedback
option again should be used. The PLL in the MPC974
decouples the delay of the device from the propagation delay
variations of the internal gates. From the specification table
one sees a Tpd variation of only
±150ps, thus for multiple
devices under identical configurations the part–to–part skew
will be around 850ps (300ps for Tpd variation plus 350ps
output–to–output skew plus 200ps for jitter). To minimize this
value, the highest possible reference frequencies should be
used. Higher reference frequencies will minimize both the tpd
parameter as well as the input to output jitter.
Power Supply Filtering
The MPC974 is a mixed analog/digital product and
exhibits some sensitivities that would not necessarily be seen
on a fully digital product. Analog circuitry is naturally
susceptible to random noise, especially if this noise is seen
on the power supply pins. The MPC974 provides separate
power supplies for the output buffers (VCCO) and the internal
PLL (VCCA) of the device. The purpose of this design
technique is to try and isolate the high switching noise digital
outputs from the relatively sensitive internal analog
phase–locked loop. In a controlled environment such as an
evaluation board this level of isolation is sufficient. However,
in a digital system environment where it is more difficult to
minimize noise on the power supplies a second level of
isolation may be required. The simplest form of isolation is a
power supply filter on the VCCA pin for the MPC974.
Figure 4. Power Supply Filter
VCCA
VCC
MPC974
0.01
µF
22
µF
0.01
µF
3.3V
RS=5–15Ω
Figure 4 illustrates a typical power supply filter scheme.
The MPC974 is most susceptible to noise with spectral
content in the 1KHz to 1MHz range. Therefore the filter
should be designed to target this range. The key parameter
that needs to be met in the final filter design is the DC voltage
drop that will be seen between the VCC supply and the VCCA
pin of the MPC974. From the data sheet the IVCCA current
(the current sourced through the VCCA pin) is typically 15mA
(20mA maximum), assuming that a minimum of 3.0V must be
maintained on the VCCA pin very little DC voltage drop can
be tolerated when a 3.3V VCC supply is used. The resistor
shown in Figure 4 must have a resistance of 10–15
Ω to meet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com