Electronic Components Datasheet Search
  English  ▼

X  

MPC974 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC974
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC974 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC974 Datasheet HTML 1Page - Motorola, Inc MPC974 Datasheet HTML 2Page - Motorola, Inc MPC974 Datasheet HTML 3Page - Motorola, Inc MPC974 Datasheet HTML 4Page - Motorola, Inc MPC974 Datasheet HTML 5Page - Motorola, Inc MPC974 Datasheet HTML 6Page - Motorola, Inc MPC974 Datasheet HTML 7Page - Motorola, Inc MPC974 Datasheet HTML 8Page - Motorola, Inc MPC974 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MPC974
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
Figure 2. Logic Diagram
PLL
Qa0:4
Q
TCLK0
FB_In
0
1
D
0
1
TCLK1
TCLK_Sel
÷2
÷4
0
1
PLL_EN
R
÷2
÷4
÷6
VCO_Sel
R
0
1
5
Qb0:4
Q
D
R
0
1
5
Qc0:3
Q
D
R
0
1
4
QFB
Q
D
R
0
1
0
1
÷2
fselb
fselc
fsela
MR
OE
fselFB0
fselFB1
(Int. Pulldown)
(Int. Pullup)
(Int. Pullup)
(Int. Pulldown)
(Int. Pullup)
(Int. Pulldown)
(Int. Pulldown)
(Int. Pulldown)
(Int. Pulldown)
(Int. Pullup)
(Int. Pullup)
(Int. Pulldown)
(Int. Pulldown)
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
5.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
8
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA (Note 1.)
VOL
Output LOW Voltage
0.5
V
IOL = 20mA (Note 1.)
IIN
Input Current
±100
µA
Note 2.
ICC
Maximum Quiescent Supply Current
120
mA
CIN
Input Capacitance
8
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
1. The MPC974 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
2. Inputs have either pull–up or pull–down resistors which affect input current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com