Electronic Components Datasheet Search
  English  ▼

X  

MPC974 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC974
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC974 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC974 Datasheet HTML 1Page - Motorola, Inc MPC974 Datasheet HTML 2Page - Motorola, Inc MPC974 Datasheet HTML 3Page - Motorola, Inc MPC974 Datasheet HTML 4Page - Motorola, Inc MPC974 Datasheet HTML 5Page - Motorola, Inc MPC974 Datasheet HTML 6Page - Motorola, Inc MPC974 Datasheet HTML 7Page - Motorola, Inc MPC974 Datasheet HTML 8Page - Motorola, Inc MPC974 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 2
© Motorola, Inc. 1997
1/97
3.3V PLL Clock Driver
The MPC974 is a fully integrated PLL based clock generator and clock
distribution chip which operates from a 3.3V supply. The MPC974 is
ideally suited for high speed, timing critical designs which need a high
level of clock fanout. The device features 15 high drive LVCMOS outputs,
each output has the capability of driving a 50
Ω parallel terminated
transmission line or two 50
Ω series terminated transmission lines on the
incident edge.
• Fully Integrated PLL
• Two Reference Clock Inputs for Redundant Clock Applications
• High Impedance Output Control
• Logic Enable on the Outputs
• 3.3V VCC Supply
• Output Frequency Configurable
• TQFP Packaging
• ±100ps Typical Cycle–to–Cycle Jitter
The MPC974 features 3 independent frequency programmable banks
of outputs. The frequency programmability offers the capability of
establishing output frequency relationships of 1:1, 2:1, 3:1, 3:2 and 3:2:1.
In addition, the device features a separate feedback output which allows
for a wide variety of input/output frequency multiplication alternatives.
The VCO_Sel pin provides an extended VCO lock range for added
flexibility and general purpose usage.
The TCLK0 and TCLK1 inputs provide a method for dynamically
switching the PLL between two different clock sources. The PLL has been
optimized to provide small deviations in output pulse width and well
controlled, slow transition back to lock when the inputs are switched
between two references that are equal in frequency but out of phase with
each other. This feature makes the MPC974 an ideal solution for fault
tolerant applications which require redundant clock sources.
All of the control pins are LVTTL/LVCMOS level inputs. The Fsel pins control the VCO divide ratios that are applied to the
various output banks and the feedback output. The MR input will reset the internal flip flops and place the outputs in high
impedance when driven LOW. The OE pin will force all of the outputs except the feedback output LOW to allow for acquiring
phase lock prior to providing clocks to the rest of the system. Note that the OE pin is not synchronized to the internal clock. As a
result, the initial pulse after de–assertion of the OE pin may be distorted. The PLL_En pin allows the PLL to be bypassed for
board level functional test. When bypassed the signal on the selected TCLK will be routed around the PLL and will drive the
internal dividers directly.
The MPC974 is packaged in the 52–lead TQFP package to provide optimum electrical performance as well as minimize board
space requirements. The device is specified for 3.3V VCC.
MPC974
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
52–LEAD TQFP PACKAGE
CASE 848D-03


Similar Part No. - MPC974

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC970 MOTOROLA-MPC970 Datasheet
213Kb / 16P
LOW VOLTAGE PLL CLOCK DRIVER
MPC972 MOTOROLA-MPC972 Datasheet
186Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC973 MOTOROLA-MPC973 Datasheet
186Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
logo
Integrated Device Techn...
MPC9772 IDT-MPC9772 Datasheet
442Kb / 17P
3.3V 1:12 LVCMOS PLL Clock Generator Internal Power-On Reset
More results

Similar Description - MPC974

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com