Electronic Components Datasheet Search
  English  ▼

X  

AD7634BSTZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7634BSTZ
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634BSTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7634BSTZ Datasheet HTML 13Page - Analog Devices AD7634BSTZ Datasheet HTML 14Page - Analog Devices AD7634BSTZ Datasheet HTML 15Page - Analog Devices AD7634BSTZ Datasheet HTML 16Page - Analog Devices AD7634BSTZ Datasheet HTML 17Page - Analog Devices AD7634BSTZ Datasheet HTML 18Page - Analog Devices AD7634BSTZ Datasheet HTML 19Page - Analog Devices AD7634BSTZ Datasheet HTML 20Page - Analog Devices AD7634BSTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD7634
Rev. B | Page 17 of 32
THEORY OF OPERATION
SW+
COMP
SW–
IN+
REF
REFGND
LSB
MSB
131,072C
65,536C
4C
2C
C
C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
CNVST
IN–
4C
2C
C
C
LSB
MSB
AGND
AGND
131,072C 65,536C
Figure 25. ADC Simplified Schematic
OVERVIEW
The AD7634 is a very fast, low power, precise, 18-bit ADC using
successive approximation capacitive digital-to-analog (CDAC)
architecture.
The AD7634 can be configured at any time for one of four input
ranges and conversion mode with inputs in parallel and serial
hardware modes or by a dedicated write-only, SPI-compatible
interface via a configuration register in serial software mode.
The AD7634 uses Analog Devices’ patented iCMOS high volt-
age process to accommodate 0 V to +5 V (10 V p-p), 0 V to
+10 V (20 V p-p), ±5 V (20 V p-p), and ±10 V (40 V p-p) input
ranges on the fully differential IN+ and IN− inputs without the
use of conventional thin films. Only one acquisition cycle, t8, is
required for the inputs to latch to the correct configuration. Reset-
ting or power cycling is not required for reconfiguring the ADC.
The AD7634 features different modes to optimize performance
according to the applications. It is capable of converting 670,000
samples per second (670 kSPS) in warp mode, 570 kSPS in normal
mode, and 450 kSPS in impulse mode.
The AD7634 provides the user with an on-chip, track-and-hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple, multiplexed channel
applications.
For unipolar input ranges, the AD7634 typically requires three
supplies: VCC, AVDD (which can supply DVDD), and OVDD
(which can be interfaced to either 5 V, 3.3 V, or 2.5 V digital logic).
For bipolar input ranges, the AD7634 requires the use of the
additional VEE supply.
The device is housed in a Pb-free, 48-lead LQFP or a 48-lead
tiny LFCSP (7 mm × 7 mm) that combine space savings with
flexibility. In addition, the AD7634 can be configured as either
a parallel or serial SPI-compatible interface.
CONVERTER OPERATION
The AD7634 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The CDAC consists of two identical
arrays of 18 binary weighted capacitors, which are connected
to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW−.
All independent switches are connected to the analog inputs. Thus,
the capacitor arrays are used as sampling capacitors and acquire
the analog signal on IN+ and IN− inputs. A conversion phase is
initiated once the acquisition phase is completed and the CNVST
input goes low. When the conversion phase begins, SW+ and SW−
are opened first. The two capacitor arrays are then disconnected
from the inputs and connected to the REFGND input. Therefore,
the differential voltage between the inputs (IN+ and IN−) captured
at the end of the acquisition phase is applied to the comparator
inputs, causing the comparator to become unbalanced. By switch-
ing each element of the capacitor array between REFGND and
REF, the comparator input varies by binary weighted voltage
steps (VREF/2, VREF/4 through VREF/ 262,144). The control logic
toggles these switches, starting with the MSB first, to bring the
comparator back into a balanced condition.
After the completion of this process, the control logic generates
the ADC output code and brings the BUSY output low.
MODES OF OPERATION
The AD7634 features three modes of operation: warp, normal,
and impulse. Each of these modes is more suitable to specific
applications. The mode is configured with the input pins, WARP
and IMPULSE, or via the configuration register. See Table 6 for
the pin details; see the Hardware Configuration section and the
Software Configuration section for programming the mode
selection with either pins or configuration register. Note that
when using the configuration register, the WARP and IMPULSE
inputs are don’t cares and should be tied to either high or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com