Electronic Components Datasheet Search
  English  ▼

X  

AD7634BSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7634BSTZ
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634BSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7634BSTZ Datasheet HTML 19Page - Analog Devices AD7634BSTZ Datasheet HTML 20Page - Analog Devices AD7634BSTZ Datasheet HTML 21Page - Analog Devices AD7634BSTZ Datasheet HTML 22Page - Analog Devices AD7634BSTZ Datasheet HTML 23Page - Analog Devices AD7634BSTZ Datasheet HTML 24Page - Analog Devices AD7634BSTZ Datasheet HTML 25Page - Analog Devices AD7634BSTZ Datasheet HTML 26Page - Analog Devices AD7634BSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD7634
Rev. B | Page 23 of 32
capacitor with the 100 nF capacitor placed as close as possible
to the AD7634.
Power Sequencing
The AD7634 requires sequencing of the AVDD and DVDD
supplies. AVDD should come up prior to or simultaneously
with DVDD. This can be achieved using the configuration in
Figure 27 or sequencing the supplies in that manner. The
other supplies can be sequenced as desired as long as absolute
maximum ratings are observed. The AD7634 is very insensitive
to power supply variations on AVDD over a wide frequency
range, as shown in Figure 33.
30
35
40
45
50
55
60
65
70
75
1
10
100
1000
10000
FREQUENCY (kHz)
Figure 33. AVDD PSRR vs. Frequency
Power Dissipation vs. Throughput
In impulse mode, the AD7634 automatically reduces its power
consumption at the end of each conversion phase. During the
acquisition phase, the operating currents are very low, which allows
a significant power savings when the conversion rate is reduced
(see Figure 34). This feature makes the AD7634 ideal for very
low power, battery-operated applications.
It should be noted that the digital interface remains active even
during the acquisition phase. To reduce the operating digital supply
currents even further, drive the digital inputs close to the power
rails, that is, OVDD and OGND.
1000
1
1
1000000
100000
SAMPLING RATE (kSPS)
100
10
10000
1000
10
100
IMPULSE MODE POWER
WARP MODE POWER
PDREF = PDBUF = HIGH
Figure 34. Power Dissipation vs. Sample Rate
Power Down
Setting PD = high powers down the AD7634, thus reducing
supply currents to their minimums, as shown in Figure 23.
When the ADC is in power down, the current conversion
(if any) is completed and the digital bus remains active. To
further reduce the digital supply currents, drive the inputs to
OVDD or OGND.
Power down can also be programmed with the configuration
register. See the Software Configuration section for details. Note
that when using the configuration register, the PD input is a don’t
care and should be tied to either high or low.
CONVERSION CONTROL
The AD7634 is controlled by the CNVST input. A falling edge
on CNVST is all that is necessary to initiate a conversion. A
detailed timing diagram of the conversion process is shown in
Figure 35. Once initiated, it cannot be restarted or aborted, even
by the power-down input, PD, until the conversion is complete.
The CNVST signal operates independently of CS and RD signals.
BUSY
MODE
CONVERT
ACQUIRE
ACQUIRE
CONVERT
CNVST
t1
t2
t4
t3
t5
t6
t7
t8
Figure 35. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels with minimum
overshoot, undershoot, or ringing.
The CNVST trace should be shielded with ground and a low value
(such as 50 Ω) serial resistor termination should be added close
to the output of the component that drives this line.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This can be achieved by using a dedicated
oscillator for CNVST generation, or by clocking CNVST with a
high frequency, low jitter clock, as shown in Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com