Electronic Components Datasheet Search
  English  ▼

X  

AD7634BSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7634BSTZ
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634BSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7634BSTZ Datasheet HTML 14Page - Analog Devices AD7634BSTZ Datasheet HTML 15Page - Analog Devices AD7634BSTZ Datasheet HTML 16Page - Analog Devices AD7634BSTZ Datasheet HTML 17Page - Analog Devices AD7634BSTZ Datasheet HTML 18Page - Analog Devices AD7634BSTZ Datasheet HTML 19Page - Analog Devices AD7634BSTZ Datasheet HTML 20Page - Analog Devices AD7634BSTZ Datasheet HTML 21Page - Analog Devices AD7634BSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7634
Data Sheet
Rev. B | Page 18 of 32
Warp Mode
Setting WARP = high and IMPULSE = low allows the fastest
conversion rate of up to 670 kSPS. However, in this mode, the
full-specified accuracy is guaranteed only when the time between
conversions does not exceed 1 ms. If the time between two
consecutive conversions is longer than 1 ms (after power-up),
the first conversion result should be ignored because in warp mode,
the ADC performs a background calibration during the SAR
conversion process. This calibration can drift if the time between
conversions exceeds 1 ms thus causing the first conversion to
appear offset. This mode makes the AD7634 ideal for applications
where both high accuracy and fast sample rate are required.
Normal Mode
Setting WARP = IMPULSE = low or WARP = IMPULSE = high
allows the fastest mode (570 kSPS) without any limitation on
time between conversions. This mode makes the AD7634 ideal
for asynchronous applications such as data acquisition systems,
where both high accuracy and fast sample rate are required.
Impulse Mode
Setting WARP = low and IMPULSE = high uses the lowest power
dissipation mode and allows power savings between conver-
sions. The maximum throughput in this mode is 450 kSPS, and
in this mode, the ADC powers down circuits after conversion,
making the AD7634 ideal for battery-powered applications.
TRANSFER FUNCTIONS
Except in 18-bit parallel interface mode, using the D0/OB/2C
digital input or via the configuration register, the AD7634 offers
two output codings: straight binary and twos complement. See
Figure 26 and Table 8 for the ideal transfer characteristic and
digital output codes for the different analog input ranges, VIN.
Note that when using the configuration register, the D0/OB/2C
input is a don’t care and should be tied to either high or low.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR –1LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 26. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
VREF = 5 V
Digital Output Code
Description
VIN = 0 V to +5 V
(10 V p-p)
VIN = 0 V to +10 V
(20 V p-p)
VIN = ±5 V
(20 V p-p)
VIN = ±10 V
(40 V p-p)
Straight Binary
Twos Complement
FSR − 1 LSB
+4.999962 V
+9.999924 V
+9.999924 V
+19.999847 V
0x3FFFF1
0x1FFFF1
FSR − 2 LSB
+4.999924 V
+9.999847 V
+9.999847 V
+19.999695 V
0x3FFFE
0x1FFFE
Midscale + 1 LSB
+38.15 μV
−76.29 μV
−76.29 μV
+152.59 μV
0x20001
0x00001
Midscale
0 V
0 V
0 V
0 V
0x20000
0x00000
Midscale − 1 LSB
−38.15 μV
−76.29 μV
−76.29 μV
−152.59 μV
0x1FFFF
0x3FFFF
−FSR + 1 LSB
−4.999962 V
−9.999924 V
−9.999924 V
−19.999847 V
0x00001
0x20001
−FSR
−5 V
−10 V
−10 V
−20 V
0x000002
0x200002
1 This is also the code for overrange analog input.
2 This is also the code for underrange analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com