Electronic Components Datasheet Search
  English  ▼

X  

AD7634BSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7634BSTZ
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634BSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7634BSTZ Datasheet HTML 24Page - Analog Devices AD7634BSTZ Datasheet HTML 25Page - Analog Devices AD7634BSTZ Datasheet HTML 26Page - Analog Devices AD7634BSTZ Datasheet HTML 27Page - Analog Devices AD7634BSTZ Datasheet HTML 28Page - Analog Devices AD7634BSTZ Datasheet HTML 29Page - Analog Devices AD7634BSTZ Datasheet HTML 30Page - Analog Devices AD7634BSTZ Datasheet HTML 31Page - Analog Devices AD7634BSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD7634
Rev. B | Page 29 of 32
HARDWARE CONFIGURATION
The AD7634 can be configured at any time with the dedicated
hardware pins WARP, IMPULSE, BIPOLAR, TEN, D0/OB/2C,
and PD for parallel mode (MODE[1:0] = 0, 1, or 2) or serial
hardware mode (MODE[1:0] = 3, HW/SW = high). Programming
the AD7634 for mode selection and input range configuration
can be done before or during conversion. Like the RESET input,
the ADC requires at least one acquisition time to settle as indi-
cated in Figure 46. See Table 6 for pin descriptions. Note that
these inputs are high impedance when using the software
configuration mode.
SOFTWARE CONFIGURATION
The pins multiplexed on D[17:14] used for software configura-
tion are: HW/SW, SCIN, SCCLK, and SCCS. The AD7634 is
programmed using the dedicated write-only serial configurable
port (SCP) for conversion mode, input range selection, output
coding, and power-down using the serial configuration register.
See Table 11 for details of each bit in the configuration register.
The SCP can only be used in serial software mode selected with
MODE[1:0] = 3 and HW/SW = low because the port is multi-
plexed on the parallel interface.
The SCP is accessed by asserting the port’s chip select, SCCS,
and then writing SCIN synchronized with SCCLK, which (like
SDCLK) is edge sensitive depending on the state of INVSCLK.
See Figure 47 for timing details. SCIN is clocked into the con-
figuration register MSB first. The configuration register is an
internal shift register that begins with Bit 8, the START bit. The
9th SCCLK edge updates the register and allows the new settings to
be used. As indicated in the timing diagram, at least one acquisition
time is required from the 9th SCCLK edge. Bits [1:0] are reserved
bits and are not written to while the SCP is being updated.
The SCP can be written to at any time, up to 40 MHz, and it
is recommended to write to while the AD7634 is not busy con-
verting, as detailed in Figure 47. In this mode, the full 670 kSPS
is not attainable because the time required for SCP access is
(t31 + 9 × 1/ SCCLK + t8) minimum. If the full throughput is
required, the SCP can be written to during conversion; however
it is not recommended to write to the SCP during the last 600 ns
of conversion (BUSY = high) or performance degradation can
result. In addition, the SCP can be accessed in both serial master
and serial slave read during and read after convert modes.
Note that at power up, the configuration register is undefined.
The RESET input clears the configuration register (sets all bits
to 0), thus placing the configuration to 0 V to 5 V input, normal
mode, and twos complemented output.
Table 11. Configuration Register Description
Bit
Name
Description
8
START
START bit. With the SCP enabled (SCCS =
low), when START is high, the first rising edge
of SCCLK (INVSCLK = low) begins to load the
register with the new configuration.
7
BIPOLAR
Input Range Select. Used in conjunction with
Bit 6, TEN, per the following:
Input Range
BIPOLAR
TEN
0 V to 5 V
Low
Low
0 V to 10 V
Low
High
±5 V
High
Low
±10 V
High
High
6
TEN
Input Range Select. See Bit 7, BIPOLAR.
5
PD
Power Down.
PD = low, normal operation.
PD = high, power down the ADC. The SCP is
accessible while in power-down. To power-up
the ADC, write PD = low on the next configu-
ration setting.
4
IMPULSE
Mode Select. Used in conjunction with Bit 3,
WARP per the following:
Mode
WARP
IMPULSE
Normal
Low
Low
Impulse
Low
High
Warp
High
Low
Normal
High
High
3
WARP
Mode Select. See Bit 4, IMPULSE.
2
OB/2C
Output Coding
OB/2C = low, use twos complement output.
OB/2C = high, use straight binary output.
1
RSV
Reserved.
0
RSV
Reserved.
WARP,
IMPULSE
BUSY
HW/SW = 1
CNVST
BIPOLAR,
TEN
t8
PD = 0
t8
Figure 46. Hardware Configuration Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com