Electronic Components Datasheet Search
  English  ▼

X  

B25640 Datasheet(PDF) 7 Page - EPCOS

Part # B25640
Description  Power Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640 Datasheet(HTML) 7 Page - EPCOS

  B25640 Datasheet HTML 1Page - EPCOS B25640 Datasheet HTML 2Page - EPCOS B25640 Datasheet HTML 3Page - EPCOS B25640 Datasheet HTML 4Page - EPCOS B25640 Datasheet HTML 5Page - EPCOS B25640 Datasheet HTML 6Page - EPCOS B25640 Datasheet HTML 7Page - EPCOS B25640 Datasheet HTML 8Page - EPCOS B25640 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Power Capacitors
© EPCOS AG 2011
Ordering code system
MKK-DC series, all types with 4 terminals
CR
μF
VR
V
Ieff
@100Hz
A
Vs
V
dv/dt s
V/us
ESR
mW
Zth
°C/W
Ls
nH
Ordering code
8200
900
240
1350
30
0.5
0.7
< 50
B25650C9828K004
6000
1100
230
1650
40
0.6
0.7
< 50
B25650D1608K024
2600
1800
175
2700
60
0.8
0.9
< 50
B25650D1268K004
900
3000
150
4500
220
0.9
0.9
< 50
B25650D3907K004
630
3600
130
5400
260
1.1
1.0
< 50
B25650D3637K004
510
4000
120
6000
290
1.3
1.0
< 50
B25650D4517K004
195
6000
75
9000
750
2.4
1.0
< 50
B25650D6197K004
Dimensions L x W x H: 340 x 165 x 340 mm, weight 24 kg
CR
μF
VR
V
Ieff
@100Hz
A
Vs
V
dv/dt s
V/us
ESR
mW
Zth
°C/W
Ls
nH
Ordering code
16400
900
370
1350
30
0.4
0.3
< 80
B25650C9169K034
12000
1100
360
1650
40
0.4
0.3
< 80
B25650D1129K004
5200
1800
300
2700
60
0.5
0.4
< 80
B25650D1528K004*
1800
3000
275
4500
220
0.6
0.5
< 80
B25650D3188K024
1250
3600
240
5400
260
0.7
0.5
< 80
B25650D3128K004
1000
4000
220
6000
290
0.8
0.5
< 80
B25650D4108K004
390
6000
145
9000
750
1.3
0.7
< 80
B25650D6397K004
Dimensions L x W x H: 340 x 165 x 605 mm, weight 40 kg
*) see technical data on page 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com