Electronic Components Datasheet Search
  English  ▼

X  

B25640 Datasheet(PDF) 9 Page - EPCOS

Part # B25640
Description  Power Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640 Datasheet(HTML) 9 Page - EPCOS

  B25640 Datasheet HTML 1Page - EPCOS B25640 Datasheet HTML 2Page - EPCOS B25640 Datasheet HTML 3Page - EPCOS B25640 Datasheet HTML 4Page - EPCOS B25640 Datasheet HTML 5Page - EPCOS B25640 Datasheet HTML 6Page - EPCOS B25640 Datasheet HTML 7Page - EPCOS B25640 Datasheet HTML 8Page - EPCOS B25640 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Power Capacitors
MKK-DC-R series (terminal construction see page 5)
CR
μF
VR
V
Ieff
@100Hz
A
Vs
V
dv/dt s
V/us
ESR
mW
Zth
°C/W
Ls
nH
Ordering code
5400
800
210
1200
30
0.7
0.6
< 50
B25640D8548K000
4300
900
200
1350
35
0.8
0.6
< 50
B25640D9438K000
3600
1000
190
1500
40
0.8
0.6
< 50
B25640D1368K000
3100
1100
190
1650
40
0.8
0.6
< 50
B25640D1318K000
2600
1200
180
1800
45
0.9
0.6
< 50
B25640D1268K000
Dimensions L x W x H: 340 x 170 x 200 mm, weight 18 kg
CR
μF
VR
V
Ieff
@100Hz
A
Vs
V
dv/dt s
V/us
ESR
mW
Zth
°C/W
Ls
nH
Ordering code
8300
800
270
1200
30
0.5
0.5
< 50
B25640D8838K000
6700
900
260
1350
35
0.6
0.5
< 50
B25640D9678K000
5500
1000
260
1500
40
0.6
0.5
< 50
B25640D1558K000
4800
1100
250
1650
40
0.6
0.5
< 50
B25640D1488K000
4100
1200
240
1800
45
0.6
0.5
< 50
B25640D1418K000
Dimensions L x W x H: 510 x 170 x 200 mm, weight 26 kg
CR
μF
VR
V
Ieff
@100Hz
A
Vs
V
dv/dt s
V/us
ESR
mW
Zth
°C/W
Ls
nH
Ordering code
12500
800
350
1200
30
0.5
0.4
< 50
B25640D8129K000
10100
900
350
1350
35
0.5
0.4
< 50
B25640D9109K000
8300
1000
340
1500
40
0.5
0.4
< 50
B25640D1838K000
7300
1100
340
1650
40
0.5
0.4
< 50
B25640D1738K000
6200
1200
330
1800
45
0.5
0.4
< 50
B25640D1628K000
Dimensions L x W x H: 750 x 170 x 200 mm, weight 32 kg
Lifetime
The end of life criterion is a capacitance loss higher than 3% compared to initial value.
Capacitor
Lifetime
Hotspot temperature
MKK-DC
MKK-DC-R
100 000 h
+70 °C
MKK-DCI
MKK-DCI-H
150 000 h
+75 °C
Important information: Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our
knowledge of typical requirements that are often placed on our products. We expressly point out that these statements cannot be regarded as binding statements about the suitability of
our products for a particular customer application. It is incumbent on the customer to check and decide whether a product is suitable for use in a particular application. This publication is
only a brief product survey which may be changed from time to time. Our products are described in detail in our data sheets. The Important notes (www.epcos.com/ImportantNotes) and
the product-specific Cautions and warnings must be observed. All relevant information is available through our sales offices.
© EPCOS AG • A Group Company of TDK-EPC Corporation
Edition 2011



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com