Electronic Components Datasheet Search
  English  ▼

X  

B25640 Datasheet(PDF) 3 Page - EPCOS

Part # B25640
Description  Power Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640 Datasheet(HTML) 3 Page - EPCOS

  B25640 Datasheet HTML 1Page - EPCOS B25640 Datasheet HTML 2Page - EPCOS B25640 Datasheet HTML 3Page - EPCOS B25640 Datasheet HTML 4Page - EPCOS B25640 Datasheet HTML 5Page - EPCOS B25640 Datasheet HTML 6Page - EPCOS B25640 Datasheet HTML 7Page - EPCOS B25640 Datasheet HTML 8Page - EPCOS B25640 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Power Capacitors
© EPCOS AG 2011
MKK-DC/MKK-DCI/MKK-DCI-H:
Mechanical considerations and construction
General description
The MKK-DC/MKK-DCI/MKK-DCI-H capacitors are
designed in rectangular cases made of austenitic
stainless steel. The cases are hermetically welded
and the surface is not painted. Fixing brackets and
bolts are mounted to fix the capacitor. Bolts are used
also for the ground connection.
Different types of terminals are available for the
terminal connections.
The capacitors should be exclusively handled by the
fixing brackets. In no case the terminals should be
used to lift the capacitor.
Capacitors will usually be mounted upright (terminals
on top), but can be mounted in any position keeping
a distance of 25 mm minimum between large facets,
to allow for thermal expansion and effective cooling.
Standard design
Dimensions
The following table shows the available standard
dimensions. Deviations from these dimensions are
available upon request.
Tolerances are indicated in the drawings as well as the
maximum thermal expansions during normal operation
conditions.
The label is located centered to the length and 50 mm
from the top of the case.
Labeling: manufacturer (company logo), ordering code,
connection diagram, version, rated capacitance,
tolerance, weight, insulating voltage, IEC standard,
country of origin, month/year of manufacturing.
H1
mm
H2
mm
H3
mm
MKK-DC
340
605
805
MKK-DCI
340
605
MKK-DCI-H
340
605
Terminals and connections
Standard terminals are available as shown below.
Brass bolts, tinned, with different metrics in male and
possibility of female connection, are available upon
request.
Insulation material of the terminal is Epoxy according to
CTI 600.
The following table shows the maximum continuous
currents acceptable (for a temperature increase in the
terminals of +15 °C), the maximum torque and the
contact surface of standard terminals.
Other specific options are available upon request.
Please contact our local sales office
.
Terminal M16
Max. current
265 A
Max. torque
25 Nm
Contact surface
505 mm
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com