Electronic Components Datasheet Search
  English  ▼

X  

B25640 Datasheet(PDF) 1 Page - EPCOS

Part # B25640
Description  Power Capacitors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25640 Datasheet(HTML) 1 Page - EPCOS

  B25640 Datasheet HTML 1Page - EPCOS B25640 Datasheet HTML 2Page - EPCOS B25640 Datasheet HTML 3Page - EPCOS B25640 Datasheet HTML 4Page - EPCOS B25640 Datasheet HTML 5Page - EPCOS B25640 Datasheet HTML 6Page - EPCOS B25640 Datasheet HTML 7Page - EPCOS B25640 Datasheet HTML 8Page - EPCOS B25640 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product Brief 2011
Power Capacitors
MKK-DC / MKK-DCI (-H) / MKK-DC-R
Characteristics and
properties
High performance gas-impreg-
nated capacitors offered for
applications with medium volt-
age from 1500 to 3000 V DC
and medium currents, with
clear advantages in terms of
lightness and reduced cost.
Oil-impregnated capacitors are
alternatives when applications
demand high operating temp-
erature and currents, resulting
in critical heating that is more
effectively evacuated by oil.
This technology in oil is also
more suitable for applications
with high nominal voltages of
>1800 V DC and/or high ripple
voltages above 400 V RMS.
Polyurethane resin-filled capa-
citors are offered in low voltage
applications with high currents
due to their more simple con-
struction with less compo-
nents. The resin acts as insula-
tor and heat conductor.
In those cases where due to
constraints in the application,
the design of choice as ex-
plained above is not advisable
or appropriate, a special
custom-made design with
another technology is possible.
Applications
• DC-voltage applications for
DC link
• Resonant filtering
• Frequency converters
Housing
• Rectangular non-magnetic
stainless steel case
• Ferric steel, aluminum
www.epcos.com


Similar Part No. - B25640

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25645 TDK-B25645 Datasheet
827Kb / 11P
Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K003 TDK-B25645A1108K003 Datasheet
827Kb / 11P
Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1108K013 TDK-B25645A1108K013 Datasheet
827Kb / 11P
Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1118K003 TDK-B25645A1118K003 Datasheet
827Kb / 11P
Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
B25645A1138K003 TDK-B25645A1138K003 Datasheet
827Kb / 11P
Film capacitors – High power capacitors - ModCap
May 2022 / Version: 2.0
More results

Similar Description - B25640

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4307A375 EPCOS-B25667B4307A375 Datasheet
103Kb / 3P
Power Capacitors
B25834C6226K4 EPCOS-B25834C6226K4 Datasheet
280Kb / 14P
Power Capacitors
logo
TDK Electronics
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
Film Capacitors - Power Electronic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com