Electronic Components Datasheet Search
  English  ▼

X  

AP3503 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503
Description  340kHz, 3A Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3503 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
IN Pin Voltage
VIN
-0.3 to 20
V
EN Pin Voltage
VEN
-0.3 to VIN
V
SW Pin Voltage
VSW
21
V
BS Pin Voltage
VBS
-0.3 to VSW+6
V
FB Pin Voltage
VFB
-0.3 to 6
V
COMP Pin Voltage
VCOMP
-0.3 to 6
V
SS Pin Voltage
VSS
-0.3 to 6
V
Thermal Resistance
θ
JA
60
ºC/W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
ESD (Human Body Model)
VHBM
2000
V
ESD (Machine Model)
VMM
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
4.5
18
V
Operating Ambient Temperature
TA
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com