Electronic Components Datasheet Search
  English  ▼

X  

AP3503 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503
Description  340kHz, 3A Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3503 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
MP Package
(PSOP-8)
1
2
3
4
8
7
6
5
Figure 2. Pin Configuration of AP3503 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
BS
Bootstrap pin. A bootstrap capacitor is connected between the BS pin
and SW pin. The voltage across the bootstrap capacitor drives the
internal high-side power MOSFET
2
IN
Supply power input pin. A capacitor should be connected between the
IN pin and GND pin to keep the input voltage constant
3
SW
Power switch output pin. This pin is connected to the inductor and
bootstrap capacitor
4
GND
Ground pin
5
FB
Feedback pin. This pin is connected to an external resistor divider to
program the system output voltage. When the FB pin voltage exceeds
1.1V, the over voltage protection is triggered. When the FB pin
voltage is below 0.3V, the oscillator frequency is lowered to realize
short circuit protection
6
COMP
Compensation pin. This pin is the output of the transconductance
error amplifier and the input to the current comparator. It is used to
compensate the control loop. Connect a series RC network from this
pin to GND. In some cases, an additional capacitor from this pin to
GND pin is required
7
EN
Control input pin. EN is a digital input that turns the regulator on or
off. Drive EN high/low to turn on/off the regulator. Pull up with
100k
Ω resistor for automatic startup
8
SS
Soft-start control input pin. SS controls the soft-start period. Connect
a capacitor from SS to GND to set the soft-start period. A 0.1
µF
capacitor sets the soft-start period to 15ms. To disable the soft-start
feature, leave SS unconnected
EP
Exposed pad. It should be connected to GND in PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com