Electronic Components Datasheet Search
  English  ▼

X  

AP3503 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503
Description  340kHz, 3A Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3503 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3503 is a 340kHz fixed frequency, current
mode, PWM synchronous buck (step-down) DC-DC
converter, capable of driving a 3A load with high
efficiency, excellent line and load regulation. The
device
integrates
N-channel
power
MOSFET
switches with low on-resistance. Current mode
control
provides
fast
transient
response
and
cycle-by-cycle current limit.
The AP3503 employs complete protection to ensure
system security. Including output Over Voltage
Protection,
input
Under
Voltage
LockOut,
programmable
soft-start,
Over
Temperature
Protection to safeguard the circuit.
This IC is available in PSOP-8 package.
Features
•
Input Voltage Range: 4.5V to 18V
•
Fixed 340kHz Frequency
•
High Efficiency: up to 95%
•
Output Current: 3A
•
Current Mode Control
•
Built-in Over Current Protection
•
Built-in Thermal Shutdown Function
•
Built-in UVLO Function
•
Built-in Over Voltage Protection
•
Programmable Soft-start
Applications
•
LCD TV
•
Set Top Box
•
Portable DVD
•
Digital Photo Frame
Figure 1. Package Type of AP3503
PSOP-8


Similar Part No. - AP3503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
BCD Semiconductor Manuf...
AP3503E BCDSEMI-AP3503E Datasheet
431Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
AP3503EMP-G1 BCDSEMI-AP3503EMP-G1 Datasheet
431Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
AP3503EMPTR-G1 BCDSEMI-AP3503EMPTR-G1 Datasheet
431Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
logo
Diodes Incorporated
AP3503MP-G1 DIODES-AP3503MP-G1 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results

Similar Description - AP3503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6503 DIODES-AP6503 Datasheet
419Kb / 13P
340kHz 23V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
BCD Semiconductor Manuf...
AP3503E BCDSEMI-AP3503E Datasheet
431Kb / 11P
340kHz, 3A Synchronous DC-DC Buck Converter Current Mode Control
logo
Anpec Electronics Corop...
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9618 FITIPOWER-FR9618 Datasheet
1Mb / 13P
23V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Diodes Incorporated
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com