Electronic Components Datasheet Search
  English  ▼

X  

AP3503 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3503
Description  340kHz, 3A Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3503 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3503 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3503 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
340kHz, 3A Synchronous DC-DC Buck Converter
AP3503
May. 2012
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
3
TR: Tape & Reel
Blank: Tube
Functional Block Diagram
S
R
Q
Q
INTERNAL
REGULATOR
OSCILLATOR
2
7
5
4
3
1
VA
BS
SW
GND
EA
6
COMP
FB
EN
IN
COMPARATOR
8
SS
CURRENT
SENSE
AMPLIFIER
CLK
SLOP
COMP
PWM
COMPARATOR
1.3V
+
SCP
VA
VB
VB
6 A
90 k/340 k
0. 925 V
2. 5V
M1
M2
0.3V
COMPARATOR
1.5V
SHUTDOWN
LOCK
Figure 3. Functional Block Diagram of AP3503
Ordering Information
AP3503
-
Circuit Type
Package
Temperature
Range
Part Number
Marking ID
Packing Type
PSOP-8
-40 to 85
°C
AP3503MP-G1
3503MP-G1
Tube
AP3503MPTR-G1
3503MP-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
G1: Green
Package
MP: PSOP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com