Electronic Components Datasheet Search
  English  ▼

X  

AT2140 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AT2140
Description  High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2140 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AT2140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advance Datasheet
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
AT2140
Sep. 2012
Rev. 1.0
BCD Semiconductor Manufacturing Limited
4
Electrical Characteristics
TA=25ºC, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Working Voltage, VCC to VSS
Pin 5 to Pin 2
-0.7
5.0
V
Channel Leakage Current
IR
VCC=5V,VSS=0V
1
μA
Reverse Breakdown Voltage, VCC to VSS
VBR
IBV=1mA
6
V
Holding Voltage
VH
5.5
V
Clamping Voltage (Lightning)
(IEC61000-4-5)
VCC to VSS
At 12A
9.5
V
I/O to VSS
At 6A
8.5
V
Trigger Voltage
VCC to VSS
VTRIG
8.5
9.5
V
I/O to VSS
8.5
9.5
V
ESD Clamping Voltage
VCC to VSS
At 10A, TLP, 100ns
8
V
I/O to VSS
9
V
Dynamic Resistance
VCC to VSS
0.2
Ω
I/O to VSS
0.3
Ω
Channel Input Capacitance
I/O to VSS
CI/O
VI/O=2.5V,VCC=5V,
VSS=0V,f=1MHz
0.525
0.6
pF
Typical Performance Characteristics
TA=25°C, unless otherwise specified.
Figure 4. BV, Trigger Voltage, Holding Voltage
Figure 5. Current vs. Voltage
vs. Temperature
01
234
5678
9
10
0
1
2
3
4
5
6
7
8
9
10
11
Voltage from I/O to VSS (V)
Voltage from VCC to VSS (V)
VCC to VSS
I/O to VSS
-60
-40
-20
0
20
40
60
80
100
120
140
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
Temperature (
OC)
BV
V
TRIG
V
H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com