Electronic Components Datasheet Search
  English  ▼

X  

AT2140 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AT2140
Description  High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2140 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AT2140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advance Datasheet
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
AT2140
Sep. 2012
Rev. 1.0
BCD Semiconductor Manufacturing Limited
1
General Description
BCD ITVS (Integrated Transient Voltage Suppression)
devices are designed and built using a BCD
proprietary
process
based
on
BCD
standard
technology. These devices integrate the various diodes,
transistors and resistors required to build these ITVS
products. These diodes and transistors feature low
parasitic resistance and the diodes also exhibit low
capacitance. Using these devices, BCD is able to
design
voltage
clamping
products
where
low
capacitance associated with low dynamic resistance is
required.
The BCD AT2140 is a general purpose, high
performance
and
low
cost
device
suitable
for
protecting high speed data interfaces. The AT2140 is a
unique design integrating low capacitance steering
diodes and a clamping cell with associated blocking
diodes,
specially
created
to
protect
sensitive
components connected to data transmission lines.
The AT2140 is available in SOT-23-6 package. This
package allows simple and optimal placement in
existing high-speed PCB layout.
Figure 1. Package Type of AT2140
SOT-23-6
Features
•
Low Clamping Voltage:
Typical 8V at 10A 100ns, TLP, VCC to VSS
Typical 9V at 10A 100ns, TLP, I/O to VSS
9.5V at 12A 8
μs/20μs, VCC to VSS
8.5V at 6A 8
μs/20μs, I/O to VSS
•
IEC 61000-4-2:
±30kV (VCC to VSS, Air)
±30kV (VCC to VSS, Contact)
•
IEC 61000-4-2:
+28kV, -15kV (I/O to VSS, Air)
+24kV, -14kV (I/O to VSS, Contact)
•
IEC 61000-4-5: ±12A (VCC to VSS)
•
IEC 61000-4-5: ±6A (I/O to VSS)
•
TLP Dynamic Resistance, I/O to VSS: 0.3
Ω
•
Monolithic Silicon Technology
Applications
•
HDMI 1.3, High Definition Multi Media
•
IEEE 1394
•
Laptop and Personal Computers
•
Flat Panel Displays
•
Video Graphics Cards
•
SIM Ports


Similar Part No. - AT2140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT214 ETC2-AT214 Datasheet
3Mb / 33P
Accessories Hardware
AT214 ETC-AT214 Datasheet
3Mb / 34P
Accessories Hardware
logo
Japan Aviation Electron...
AT214-DF02-1 JAE-AT214-DF02-1 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
AT214-DF02-2 JAE-AT214-DF02-2 Datasheet
561Kb / 11P
Half-pitch (1.27mm) Interface Connector
More results

Similar Description - AT2140

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX830-831-FL AXIOMTEK-EBOX830-831-FL Datasheet
380Kb / 1P
High performance with full feature I/O
EBOX832-831 AXIOMTEK-EBOX832-831 Datasheet
305Kb / 1P
High performance with full feature I/O
logo
BCD Semiconductor Manuf...
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com