Electronic Components Datasheet Search
  English  ▼

X  

AT2140 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AT2140
Description  High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2140 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AT2140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advance Datasheet
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
AT2140
Sep. 2012
Rev. 1.0
BCD Semiconductor Manufacturing Limited
5
Typical Performance Characteristics (Continued)
TA=25°C, unless otherwise specified.
Figure 6. Waveform of I/O to GND (Positive)
Figure 7. Waveform of VCC to VSS (Positive)
Figure 8. Clamping Voltage
vs. Current from I/O to VSS (8
μs/20μs)
Current
Waveform
VCLAMPING
=8.5V
2V/div
Current
Waveform,
(Surge, 8x20
μs,
IPP=5.8A)
1A/div
Time
10
μs/div
VCLAMPING
=9.6V
2V/div
Current
Waveform,
(Surge, 8x20
μs,
IPP=12A)
2A/div
Time
10
μs/div
12
34
5
6
7
6.0
6.5
7.0
7.5
8.0
8.5
9.0
IEC61000-4-5 (Lightning)
Current from I/O to VSS (A)
Voltage
Waveform
Current
Waveform
Voltage
Waveform



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com