Electronic Components Datasheet Search
  English  ▼

X  

AT2140 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AT2140
Description  High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2140 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AT2140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advance Datasheet
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
AT2140
Sep. 2012
Rev. 1.0
BCD Semiconductor Manufacturing Limited
3
Ordering Information
AT2140 A
-
A
Circuit Type
Package
K6: SOT-23-6
Package
Temperature
Range
Part Number
Marking ID
Packing Type
SOT-23-6
-55 to 85°C
AT2140K6-5.0TRG1
GJQ
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and green.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Peak Pulse Current (tp 8
μs/20μs), VCC to VSS
IPP(VCC-VSS)
±12
A
Peak Pulse Current (tp 8
μs/20μs) , I/O to VSS
IPP(I/O-VSS)
±6
A
Operating Voltage (DC)
5.5
V
IEC61000-4-2 ESD (Air)
VCC to VSS
±30
kV
I/O to VSS, VCC
Floating
+28/-15
IEC61000-4-2 ESD (Contact)
VCC to VSS
±30
kV
I/O to VSS, VCC
Floating
+24/-14
IEC61000-4-5 (Lightning)
VCC to VSS
12
A
120
W
I/O to VSS
6
A
54
W
Lead Temperature (Soldering, 10sec)
TLEAD
260
ºC
Operating Temperature
-55 to 85
ºC
Storage Temperature
-55 to 150
ºC
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
G1: Green
TR: Tape & Reel
5.0: Fixed Output 5.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com