Electronic Components Datasheet Search
  English  ▼

X  

37002 Datasheet(PDF) 13 Page - Altech corporation

Part # 37002
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

37002 Datasheet(HTML) 13 Page - Altech corporation

Back Button 37002 Datasheet HTML 9Page - Altech corporation 37002 Datasheet HTML 10Page - Altech corporation 37002 Datasheet HTML 11Page - Altech corporation 37002 Datasheet HTML 12Page - Altech corporation 37002 Datasheet HTML 13Page - Altech corporation 37002 Datasheet HTML 14Page - Altech corporation 37002 Datasheet HTML 15Page - Altech corporation 37002 Datasheet HTML 16Page - Altech corporation 37002 Datasheet HTML 17Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
124
bFor Keying, please consult Altech.
cGray available, please consult Altech.
Ratings
IEC/VDE
(File No. E151279)
(File No. LR103097-1)
Wire Range
Current
Voltage
0.5-2.5mm2
12A
250V
22-10 AWG
15A
300V
22-10 AWGa
15Aa
300V
aBlocks with metric pin spacing
begin on page 132.
Wire Range
Current
Voltage
0.5-2.5mm2
12A
250V
22-10 AWG
15A
300V
22-10 AWGb
15Ab
300V
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
BU04/2
36.052
10.16 ( .40)
100
BU04/3
36.053
15.24 ( .60)
100
BU04/4
36.054
20.32 ( .80)
50
BU04/5
36.055
25.40 (1.00)
50
BU04/6
36.056
30.48 (1.20)
50
BU04/7
36.057
35.56 (1.40)
30
BU04/8
36.058
40.64 (1.60)
30
BU04/9
36.059
45.72 (1.80)
30
BU04/10
36.060
50.60 (2.00)
20
BU04/11
36.061
55.88 (2.20)
20
BU04/12
36.062
60.98 (2.40)
20
BU04/13
36.063
66.04 (2.60)
20
BU04/14
36.064
71.14 (2.80)
20
BU04/15
36.065
76.20 (3.00)
20
BU04/16
36.066
81.28 (3.20)
15
BU02
Wire Entry Perpendicular to Plug-In
(On Scalloped Side)
Pole Spacing 5.08mm (.200)
Stripping Length 8mm (.315)
Screw Hole Diameter 3.5mm (.138)
Use with STLZ950, STLZ955, STLZ11,
STLZ990 Headers
BU04
Wire Entry Perpendicular to Plug-In
(On Locking Tab Side)
Pole Spacing 5.08mm (.200)
Stripping Length 8mm (.315)
Screw Hole Diameter 3.5mm (.138)
Use with STLZ950, STLZ955, STLZ11,
STLZ990 Headers
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
BU02/2
36.002
10.16 ( .40)
100
BU02/3
36.003
15.24 ( .60)
100
BU02/4
36.004
20.32 ( .80)
50
BU02/5
36.005
25.40 (1.00)
50
BU02/6
36.006
30.48 (1.20)
50
BU02/7
36.007
35.56 (1.40)
30
BU02/8
36.008
40.64 (1.60)
30
BU02/9
36.009
45.72 (1.80)
30
BU02/10
36.010
50.60 (2.00)
20
BU02/11
36.011
55.88 (2.20)
20
BU02/12
36.012
60.98 (2.40)
20
BU02/13
36.013
66.04 (2.60)
20
BU02/14
36.014
71.14 (2.80)
20
BU02/15
36.015
76.20 (3.00)
20
BU02/16
36.016
81.28 (3.20)
15
Ordering Information
No. of
Poles
Plug, US (inch) Pole Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
STANDARD PLUGGABLE
PRINTED CIRCUIT
US Pin Spacinga
Screw-Cage Clamp Plug
For standard industrial plug-in applica-
tions where multiple wire-to-board
connections must be made quickly and
simultaneously.
Two wire entry options increase plug
accessibility. The shape of the plug
facilitates plug-in and removal.
• Multipole, Single Mold Construction
• Industry Standard Compatible
• Locking Tab Prevents Unplugging
• Optional Keying Prevents Mispluggingb
• Housing Material: Polyamide 6.6
• Standard Color: Greenc
Dimensions
mm
in.
mm
in.
2.54
0.100
12.50
0.492
5.08
0.200
26.50
1.043
8.30
0.327
L
®
®
5.08mm
®
®
2.54mm
12.5mm
12.5mm
L
®
®
5.08mm
®
®
2.54mm
bPending
aPending
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com