Electronic Components Datasheet Search
  English  ▼

X  

37002 Datasheet(PDF) 19 Page - Altech corporation

Part # 37002
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

37002 Datasheet(HTML) 19 Page - Altech corporation

Back Button 37002 Datasheet HTML 12Page - Altech corporation 37002 Datasheet HTML 13Page - Altech corporation 37002 Datasheet HTML 14Page - Altech corporation 37002 Datasheet HTML 15Page - Altech corporation 37002 Datasheet HTML 16Page - Altech corporation 37002 Datasheet HTML 17Page - Altech corporation 37002 Datasheet HTML 18Page - Altech corporation 37002 Datasheet HTML 19Page - Altech corporation 37002 Datasheet HTML 20Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
130
Ordering Information
No. of
Poles
Plug, US (Inch) Pole Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MAXI-PLUGGABLE
PRINTEDCIRCUIT
US Pin Spacinga
Screw-Cage Clamp Plug
For standard industrial plug-in applica-
tions where multiple wire-to-board
connections must be made quickly and
simultaneously.
Reduce wiring mistakes, downtime and
facilitate troubeshooting. Simply unplug
defective board and plug in a new one.
• Multipole, Single Mold Construction
• Industry Standard Compatible
• Locking Tabs Prevent Unplugging
• Optional Keying Prevents Misplugging
• Housing Material: Polyamide 6.6
• Standard Color: Green
Ratings
IEC/VDE
(File No. E101811)
(File No. LR68503)
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ960/2
38.002
13.27 ( .52)
100
AKZ960/3
38.003
20.86 ( .82)
100
AKZ960/4
38.004
28.48 (1.12)
50
AKZ960/5
38.005
36.10 (1.42)
50
AKZ960/6
38.006
43.72 (1.72)
50
AKZ960/7
38.007
51.34 (2.02)
30
AKZ960/8
38.008
58.96 (2.32)
30
AKZ960/9
38.009
66.58 (2.62)
30
AKZ960/10
38.010
74.20 (2.92)
30
AKZ960/11
38.011
81.82 (3.22)
20
AKZ960/12
38.012
89.44 (3.52)
20
AKZ960/13
38.013
97.06 (3.82)
20
AKZ960/14
38.014
104.68 (4.12)
20
AKZ960/15
38.015
112.30 (4.42)
20
AKZ960/16
38.016
119.92 (4.72)
15
aBlocks with metric pin spacing
begin on page 132.
Wire Range
Current
Voltage
0.5-2.5mm2
12A
400V
22-12 AWG
15A
300V
28-12 AWG
16A
300V
AKZ960
Plug
Wire Entry in Same Direction as Plug-In
Pole Spacing 7.62mm (.300)
Stripping Length 7mm (.276)
Screw Hole Diameter 4mm (.158)
Use with STLZ960-W, STLZ965-W Headers
Dimensions
mm
in.
mm
in.
2.60
0.102
9.00
0.354
2.80
0.110
15.00
0.591
2.81
0.111
17.30
0.681
7.62
0.300
®
L
®
2.81mm
7.62mm
2.6mm
®
®
®
®
®
®
®
®
®
®
9mm
17.3mm
L
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com