Electronic Components Datasheet Search
  English  ▼

X  

37002 Datasheet(PDF) 3 Page - Altech corporation

Part # 37002
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

37002 Datasheet(HTML) 3 Page - Altech corporation

  37002 Datasheet HTML 1Page - Altech corporation 37002 Datasheet HTML 2Page - Altech corporation 37002 Datasheet HTML 3Page - Altech corporation 37002 Datasheet HTML 4Page - Altech corporation 37002 Datasheet HTML 5Page - Altech corporation 37002 Datasheet HTML 6Page - Altech corporation 37002 Datasheet HTML 7Page - Altech corporation 37002 Datasheet HTML 8Page - Altech corporation 37002 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
114
FIXED PRINTED CIRCUIT
US Pin Spacinga
Screw-Cage Clamp
For wire-to-board connections in
industrial applications and where
frequent wire terminations occur.
• Multipole, Modular Design
• Housing Material: Polyamide 6.6
• Standard Color: AKZ300 is Gray,
all others are green
IEC/VDE
(File No. E101811)
(File No. LR68503)
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-12 AWG
15A
300V
22-12 AWG
15A
300V
Ratings
Ordering Information
Poles
Terminal Block, US (Inch) Pin Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ300/2
30.652
10.16 ( .40)
100
AKZ300/3
30.653
15.24 ( .60)
100
AKZ300/4
30.654
20.32 ( .80)
50
AKZ300/5
30.655
25.40 (1.00)
50
AKZ300/6
30.656
30.48 (1.20)
50
AKZ300/7
30.657
36.56 (1.40)
30
AKZ300/8
30.658
40.64 (1.60)
30
AKZ300/9
30.659
45.72 (1.80)
30
AKZ300/10
30.660
50.80 (2.00)
30
AKZ300/11
30.661
55.88 (2.20)
20
AKZ300/12
30.662
60.96 (2.40)
20
AKZ300/13
30.663
66.04 (2.60)
20
AKZ300/14
30.664
71.12 (2.80)
20
AKZ300/15
30.665
76.20 (3.00)
20
AKZ300/16
30.666
81.28 (3.20)
15
AKZ300/17
30.667
86.36 (3.40)
15
AKZ300/18
30.668
91.44 (3.60)
15
AKZ300/19
30.669
96.52 (3.80)
15
AKZ300/20
30.670
101.60 (4.00)
15
AKZ300/21
30.671
106.68 (4.20)
10
AKZ300/22
30.672
111.76 (4.40)
10
AKZ300/23
30.673
116.84 (4.60)
10
AKZ300/24
30.674
121.92 (4.80)
10
AKZ300
45˚ Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 7mm (.276)
Screw Hole Diameter 3.5mm (.138)
aBlocks with metric pin spacing
begin on page 132.
Wire Range
Current
Voltage
0.5-1.5mm2
16A
250V
28-14 AWG
15A
300V
28-14 AWG
10A
300V
AKZ250
Front Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 7mm (.276)
Screw Hole Diameter 3.5mm (.138)
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ250/2
32.402
10.16 ( .40)
100
AKZ250/3
32.403
15.24 ( .60)
100
AKZ250/4
32.404
20.32 ( .80)
50
AKZ250/5
32.405
25.40 (1.00)
50
AKZ250/6
32.406
30.48 (1.20)
50
AKZ250/7
32.407
35.56 (1.40)
30
AKZ250/8
32.408
40.64 (1.60)
30
AKZ250/9
32.409
45.72 (1.80)
30
AKZ250/10
32.410
50.80 (2.00)
30
AKZ250/11
32.411
55.88 (2.20)
20
AKZ250/12
32.412
60.96 (2.40)
20
AKZ250/13
32.413
66.04 (2.60)
20
AKZ250/14
32.414
71.12 (2.80)
20
AKZ250/15
32.415
76.20 (3.00)
20
AKZ250/16
32.416
81.28 (3.20)
15
AKZ250/17
32.417
86.36 (3.40)
15
AKZ250/18
32.418
91.44 (3.60)
15
AKZ250/19
32.419
96.52 (3.80)
15
AKZ250/20
32.420
101.60 (4.00)
15
AKZ250/21
32.421
106.68 (4.20)
10
AKZ250/22
32.422
111.76 (4.40)
10
AKZ250/23
32.423
116.84 (4.60)
10
AKZ250/24
32.424
121.92 (4.80)
10
Minimum clearance, small footprint conserves
valuable PCB real estate
®
L
®
®
®
0.6mm
®
®
1mm
®
®
2.7mm
0.8mm
®
®
12.5mm
®
®
®
®
6.5mm
®
L
0.6mm
®
®
®
®
2.5mm®
®
®
1mm
®
®
5.08mm
®
®
®
4mm
®
8.1mm
®
®
0.5mm
Dimensions
mm
in.
mm
in.
0.50
0.020
4.50
0.177
0.60
0.024
5.00
0.197
0.80
0.031
5.08
0.200
0.90
0.035
6.50
0.256
1.00
0.039
8.10
0.319
1.80
0.071
9.00
0.354
2.50
0.098
10.00
0.394
2.70
0.106
10.50
0.413
3.00
0.118
12.50
0.492
3.50
0.138
13.50
0.531
4.00
0.157
15.24
0.600
4.40
0.173
19.00
0.748
NEW
3.5 mm
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com