Electronic Components Datasheet Search
  English  ▼

X  

37002 Datasheet(PDF) 4 Page - Altech corporation

Part # 37002
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

37002 Datasheet(HTML) 4 Page - Altech corporation

  37002 Datasheet HTML 1Page - Altech corporation 37002 Datasheet HTML 2Page - Altech corporation 37002 Datasheet HTML 3Page - Altech corporation 37002 Datasheet HTML 4Page - Altech corporation 37002 Datasheet HTML 5Page - Altech corporation 37002 Datasheet HTML 6Page - Altech corporation 37002 Datasheet HTML 7Page - Altech corporation 37002 Datasheet HTML 8Page - Altech corporation 37002 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
115
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ351/2
33.052
10.16 ( .40)
100
AKZ351/3
33.053
15.24 ( .60)
100
AKZ351/4
33.054
20.32 ( .80)
50
AKZ351/5
33.055
25.40 (1.00)
50
AKZ351/6
33.056
30.48 (1.20)
50
AKZ351/7
33.057
35.56 (1.40)
30
AKZ351/8
33.058
40.64 (1.60)
30
AKZ351/9
33.059
45.72 (1.80)
30
AKZ351/10
33.060
50.80 (2.00)
30
AKZ351/11
33.061
55.88 (2.20)
20
AKZ351/12
33.062
60.96 (2.40)
20
AKZ351/13
33.063
66.04 (2.60)
20
AKZ351/14
33.064
71.14 (2.80)
20
AKZ351/15
33.065
76.20 (3.00)
20
AKZ351/16
33.066
81.28 (3.20)
15
AKZ351/17
33.067
86.36 (3.40)
15
AKZ351/18
33.068
91.44 (3.60)
15
AKZ351/19
33.069
96.52 (3.80)
15
AKZ351/20
33.070
101.60 (4.00)
15
AKZ351/21
33.071
106.68 (4.20)
10
AKZ351/22
33.072
111.76 (4.40)
10
AKZ351/23
33.073
116.84 (4.60)
10
AKZ351/24
33.074
121.92 (4.80)
10
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ350/2
32.052
10.16 ( .40)
100
AKZ350/3
32.053
15.24 ( .60)
100
AKZ350/4
32.054
20.32 ( .80)
50
AKZ350/5
32.055
25.40 (1.00)
50
AKZ350/6
32.056
30.48 (1.20)
50
AKZ350/7
32.057
35.56 (1.40)
30
AKZ350/8
32.058
40.64 (1.60)
30
AKZ350/9
32.059
45.72 (1.80)
30
AKZ350/10
32.060
50.80 (2.00)
30
AKZ350/11
32.061
55.88 (2.20)
20
AKZ350/12
32.062
60.96 (2.40)
20
AKZ350/13
32.063
66.04 (2.60)
20
AKZ350/14
32.064
71.12 (2.80)
20
AKZ350/15
32.065
76.20 (3.00)
20
AKZ350/16
32.066
81.28 (3.20)
15
AKZ350/17
32.067
86.36 (3.40)
15
AKZ350/18
32.068
91.44 (3.60)
15
AKZ350/19
32.069
96.52 (3.80)
15
AKZ350/20
32.070
101.60 (4.00)
15
AKZ350/21
32.071
106.68 (4.20)
10
AKZ350/22
32.072
111.76 (4.40)
10
AKZ350/23
32.073
116.84 (4.60)
10
AKZ350/24
32.074
121.92 (4.80)
10
Pin Spacing 5.08mm (.200)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
AKZ351
Front Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 6mm (.236)
Screw Hole Diameter 3.5mm (.138)
AKZ350
Front Wire Entry
AKZ700
Front Wire Entry
Pin Spacing 5.08mm (.200)
Stripping Length 8mm (.315)
Screw Hole Diameter 3mm (.118)
Wire Range
Current
Voltage
0.5-4mm2
16A
250V
22-12 AWG
15A
300V
22-12 AWG
15A
300V
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ700/2
30.852
10.16 ( .40)
100
AKZ700/3
30.853
15.24 ( .60)
100
AKZ700/4
30.854
20.32 ( .80)
50
AKZ700/5
30.855
25.40 (1.00)
50
AKZ700/6
30.856
30.48 (1.20)
50
AKZ700/7
30.857
35.56 (1.40)
30
AKZ700/8
30.858
40.64 (1.60)
30
AKZ700/9
30.859
45.72 (1.80)
30
AKZ700/10
30.860
50.80 (2.00)
30
AKZ700/11
30.861
55.88 (2.20)
20
AKZ700/12
30.862
60.96 (2.40)
20
AKZ700/13
30.863
66.04 (2.60)
20
AKZ700/14
30.864
71.12 (2.80)
20
AKZ700/15
30.865
76.20 (3.00)
20
AKZ700/16
30.866
81.28 (3.20)
15
AKZ700/17
30.867
86.36 (3.40)
15
AKZ700/18
30.868
91.44 (3.60)
15
AKZ700/19
30.869
96.52 (3.80)
15
AKZ700/20
30.870
101.60 (4.00)
15
AKZ700/21
30.871
106.68 (4.20)
10
AKZ700/22
30.872
111.76 (4.40)
10
AKZ700/23
30.873
116.84 (4.60)
10
AKZ700/24
30.874
121.92 (4.80)
10
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-12 AWG
16A
300V
28-14 AWG
16A
300V
Wire Range
Current
Voltage
0.5-2.5mm2
16A
250V
22-12 AWG
16A
300V
28-14 AWG
16A
300V
®
®
0.8mm
®
®
9mm ®
®
4.5mm
®
®
0.8mm
9mm ®
®
®
®
4mm
10.5mm
®
®
®
®
5mm
®
L
0.6mm
®
®
®
®
®
2.7mm®
5.08mm
®
®
®
0.9mm
Test probe slot openings on back
for access to pins
®
L
0.6mm
®
®
®
®
®
1mm
®
2.7mm®
®
®
5.08mm
®
L
0.6mm
®
®
®
®
®
2.7mm®
5.08mm
®
®
®
1mm
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com