Electronic Components Datasheet Search
  English  ▼

X  

AD8338 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8338 Datasheet HTML 3Page - Analog Devices AD8338 Datasheet HTML 4Page - Analog Devices AD8338 Datasheet HTML 5Page - Analog Devices AD8338 Datasheet HTML 6Page - Analog Devices AD8338 Datasheet HTML 7Page - Analog Devices AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices AD8338 Datasheet HTML 10Page - Analog Devices AD8338 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8338
Rev. 0 | Page 7 of 16
1.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
10kHz
100kHz
1MHz
2MHz
4MHz
8MHz
10MHz
12MHz
14MHz
Figure 10. Gain Error vs. VGAIN over Frequency
30
0
5
10
15
20
25
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 11. Group Delay vs. Frequency
0
10
20
30
40
50
60
DIFFERENTIAL OFFSET VOLTAGE (mV)
–3
–2
–1
0
1
2
OFFSET NULL ON
RELATIVE TO OUTPUT
VGAIN = 0.6V
Figure 12. Differential Offset Voltage Histogram
5
–5
–4
–3
–2
–1
0
1
2
3
4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VGAIN (V)
–40°C
+25°C
+85°C
+105°C
VS = 3V
Figure 13. Differential Offset Voltage vs. VGAIN, Offset Null On
350
300
0
50
100
150
200
250
100k
1M
10M
100M
FREQUENCY (Hz)
SINGLE-ENDED
DIFFERENTIAL
Figure 14. Output Impedance vs. Frequency
20
–120
–100
–80
–60
–40
–20
0
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 15. Output Balance Error vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com