Electronic Components Datasheet Search
  English  ▼

X  

AD8338 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8338 Datasheet HTML 7Page - Analog Devices AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices AD8338 Datasheet HTML 10Page - Analog Devices AD8338 Datasheet HTML 11Page - Analog Devices AD8338 Datasheet HTML 12Page - Analog Devices AD8338 Datasheet HTML 13Page - Analog Devices AD8338 Datasheet HTML 14Page - Analog Devices AD8338 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8338
Rev. 0 | Page 11 of 16
0
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 34. PSRR vs. Frequency
0.6
0.1
0
–1.0
1.0
0
10
30
40
5
25
20
15
35
TIME (µs)
AGC VOLTAGE
OUTPUT VOLTAGE
Figure 35. AGC Response vs. Time, No Load
0.6
0.1
0
–1.0
1.0
0
2
6
10
9
8
1
5
4
3
7
TIME (ms)
AGC VOLTAGE
OUTPUT VOLTAGE
Figure 36. AGC Response vs. Time, CL = 0.01 µF
3.0
0
0.5
1.0
1.5
2.0
2.5
20k
100k
RESISTANCE (Ω)
VS = 3V
VS = 5V
Figure 37. Output Common-Mode Voltage vs. RCM to VBAT
3.0
0
0.5
1.0
1.5
2.0
2.5
10k
100k
RESISTANCE (Ω)
VS = 3V
Figure 38. Output Common-Mode Voltage vs. RCM to COMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com