Electronic Components Datasheet Search
  English  ▼

X  

AD8338 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices AD8338 Datasheet HTML 10Page - Analog Devices AD8338 Datasheet HTML 11Page - Analog Devices AD8338 Datasheet HTML 12Page - Analog Devices AD8338 Datasheet HTML 13Page - Analog Devices AD8338 Datasheet HTML 14Page - Analog Devices AD8338 Datasheet HTML 15Page - Analog Devices AD8338 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8338
Data Sheet
Rev. 0 | Page 12 of 16
THEORY OF OPERATION
GETTING STARTED WITH THE AD8338
The AD8338 is a variable gain amplifier (VGA) that provides a
variable gain range of 80 dB. With a constant −3 dB bandwidth
of 18 MHz across all gains, a gain bandwidth product of 180 GHz
is achieved at the highest gain using only 4.5 mA of supply current.
The differential output allows the AD8338 to directly drive an
ADC input, simplifying board design and saving space and power.
In addition to its gain, bandwidth, and power performance, the
AD8338 includes a range of features that increase its versatility.
•
Single-supply operation ranging from 3.0 V to 5.0 V
•
Built-in offset correction circuit to cancel out dc offsets
•
Automatic gain control (AGC) circuit to control the gain
and keep the output at a steady rms level
Access to internal nodes at both the input and output allows the
user to adjust the gain range, adjust the output common-mode
voltage, and tune the bandwidth.
INPR and INMR Pins in the Standard Configuration
The gain is controlled by a user supplied voltage input applied to
the GAIN pin. The gain can be varied from 0 dB to 80 dB when
the default internal resistors are used; the voltage at the GAIN pin
can be varied from 0.1 V to 1.1 V. The default internal resistors
are used by applying the input voltage to the INPR and INMR
pins (Pin 1 and Pin 4; see Figure 39).
INPR
INPD
INMD
INMR
500Ω
500Ω
IIN
VIN
0dB TO 80dB
OUTP
OUTM
+VOUT/2 + VREF
–VOUT/2 + VREF
Figure 39. Input Voltage Applied to the INPR and INMR Pins
In the standard configuration, a differential input voltage applied
across INPR and INMR is amplified, with the output voltage
appearing differentially across OUTP and OUTM. The outputs
have a default common-mode voltage of VREF, which is equal
to 1.5 V.
GAIN and MODE Pins
The gain of the AD8338 is controlled by the GAIN and MODE
pins. Adjusting the voltage at the GAIN pin from 0.1 V to 1.1 V
adjusts the gain from its lowest to highest value.
The MODE pin controls the polarity of the gain adjustment. When
MODE is tied to VBAT, the gain of the AD8338 increases propor-
tionally with an increase of the voltage on the GAIN pin. When
MODE is tied to COMM, the gain decreases with an increase of
the voltage on the GAIN pin.
OFFSET CORRECTION CIRCUIT
The AD8338 provides an offset correction circuit to cancel out
any dc offsets that may be present. Connecting a 0.2 µF capacitor
from the OFSN pin to VREF allows frequencies above 400 Hz to
pass through, but eliminates dc offsets. For dc-coupled operation,
disable the offset correction circuit by connecting the OFSN pin
directly to the COMM pin. When the part is operated without
offset correction, exercise caution with large gains because any
offsets present large errors on the outputs.
Unlike a high-pass filter, the offset correction circuit allows signals
below the corner frequency to pass through with high levels of
crossover distortion. If a frequency below the band of interest may
present itself to the inputs, apply a filter in front of the VGA for
best performance.
For lower frequency operation, a larger value of COFSN gives
unpredictable results. If the part is operated at frequencies below
400 Hz, disable the offset correction circuit and compensate the
offset externally.
The corner frequency can be approximately calculated as follows:
OFSN
C
C
f
×
×
π
=
600
2
1
(1)
EXPLANATION OF THE GAIN FUNCTION
From a designer’s standpoint, the gain of the AD8338 can be
modeled as three cascaded gain stages. The first stage can be
thought of as a differential input transconductance stage, where
the input current is proportional to the differential input voltage
that is applied to the input resistors, as follows:
N
P
IN
R
R
INMx
INPx
I
+
−
=
(2)
This current is then fed into the conceptual second stage, a
current input-current output VGA, which has a gain range
of −26 dB to +54 dB. The conceptual output current is given
by Equation 3.
IOUT_VGA = IIN × 10−26 + 80 × ((VGAIN− 0.1)/20)
(3)
When VGAIN = 0.1 V, the output current is −26 dB less than the
input current; when VGAIN = 1.1 V, the output current is +54 dB
greater than the input current.
The third and final stage can be modeled as a transimpedance
stage, expressed as follows:
VOP = IOUT_VGA × RFEEDBACK
(4a)
VON = −IOUT_VGA × RFEEDBACK
(4b)
VOUT = VOP − VON = 2 × IOUT_VGA × RFEEDBACK
(4c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com