Electronic Components Datasheet Search
  English  ▼

X  

AD8338 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices AD8338 Datasheet HTML 10Page - Analog Devices AD8338 Datasheet HTML 11Page - Analog Devices AD8338 Datasheet HTML 12Page - Analog Devices AD8338 Datasheet HTML 13Page - Analog Devices AD8338 Datasheet HTML 14Page - Analog Devices AD8338 Datasheet HTML 15Page - Analog Devices AD8338 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD8338
Rev. 0 | Page 15 of 16
APPLICATIONS INFORMATION
The excellent performance of the AD8338 results in a flat response
over various gains with rail-to-rail output signal swing, high drive
capability, and a very high dynamic range at a low 12 mW. These
features make the AD8338 an exceptional choice for use in battery-
operated equipment, low frequency and baseband applications,
and many other applications.
SIMPLE ON-OFF KEYED (OOK) RECEIVER
For low complexity, low power data communications, a simple
link built using a modulating carrier tone in an on/off state
provides a fast and cost-effective solution to the designer. Such
designs are used in a variety of applications, including near-field
communications among noninterference mechanical systems,
low data rate sensors, RFID tags, and so on.
The schematic shown in Figure 45 demonstrates a complete
inductive telemetry on-off keyed (OOK) front end. The crystal
is cut for the target receive frequency of interest, creating a very
narrow-band filter, typically around the 6.78 MHz ISM band.
The AD8338 amplifies the signal (the gain is set by an external
controller) and drives a full-wave rectifier bridge. The output of
this bridge is then low-pass filtered into 100 Ω terminations. This
design provides excellent rejection of RF and excellent baseband
information recovery for the decision stage that follows.
The reactive filter components—Capacitors C1 through C4 and
Inductors L1 and L2—set the baseband recovery performance. A
design trade-off exchanges baseband response for RF attenuation.
Table 7 provides typical values for these components at two data
rates. Note that Capacitors C1 through C4 are all of equal value,
and Inductor L2 has the same value as L1.
Table 7. Typical Values for Components in Reactive Filter
Data Rate
C1 to C4
L1 and L2
Carrier Attenuation,
f = 6.78 MHz
19,200 bps
12 nF
240 µH
−101 dB
57,600 bps
3.9 nF
82 µH
−73 dB
INTERFACING THE AD8338 TO AN ADC
The AD8338 is well suited to drive a high speed analog-to-digital
converter (ADC) and is compatible with many ADCs from Analog
Devices, Inc. This example illustrates the interfacing of the AD8338
to the AD7451. The AD7451 is a low power, 3.0 V ADC, which
is also competitively priced for a low cost total solution.
Figure 46 shows the basic connections between the AD8338
and the AD7451. The common-mode voltage provided by the
AD8338 is within the specifications of the AD7451.
The AD8338 can be coupled directly to the AD7451 for full
dc-to-18 MHz operation at the highest level of performance with
low operating power (160 mW typical). The glueless interface
enables a physically small, high performance data acquisition
system that is ideal for many field instruments. A filter before
the VGA provides the antialiasing function and noise limiting.
In applications where the modulated information is not encoded
in the signal amplitude, use the AGC feature of the AD8338 to
reduce any bit errors in the sampled signal.
VREF
MODE
VREF
OUTP
OUTM
CRYSTAL
U1
AD8338
C6
0.01µF
GAIN
3.0V
INPR
INMR
C5
0.1µF
D1
D2
D4
D3
C1
C3
C2
C4
L1
L2
R1
100Ω
R2
100Ω
OOK_P
OOK_M
Figure 45. Complete, Low Power OOK Receiver
VREF
MODE
VREF
OUTP
OUTM
U1
AD8338
FILTER
OUTPUT
3.0V
3.0V
INPR
INMR
C3
0.1µF
SCLK
GND
AD7451
VIN+
VIN–
C1
0.1µF
C2
0.1µF
SDATA
CS
VDD
VREF
R1
49.9Ω
TO
MICRO-
CONTROLLER
Figure 46. Basic Connections to the AD7451 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com