Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9683 Datasheet HTML 36Page - Analog Devices AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices AD9683 Datasheet HTML 40Page - Analog Devices AD9683 Datasheet HTML 41Page - Analog Devices AD9683 Datasheet HTML 42Page - Analog Devices AD9683 Datasheet HTML 43Page - Analog Devices AD9683 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Data Sheet
AD9683
Rev. 0 | Page 41 of 44
JESD204B Device Identification (DID) Configuration
(Address 0x64)
Bits[7:0]—JESD204B device identification (DID) value
JESD204B Bank Identification (BID) Configuration
(Address 0x65)
Bits[7:4]—Open
Bits[3:0]—JESD204B bank identification (BID) value
JESD204B Lane Identification (LID) Configuration
(Address 0x67)
Bits[7:5]—Open
Bits[4:0]—JESD204B lane identification (LID) value
JESD204B Scrambler (SCR) and Lane (L) Configuration
(Address 0x6E)
Bit 7—JESD204B scrambling (SCR)
When this bit is set to low, it disables the scrambler (SCR = 0).
When this bit is set to high, it enables the scrambler (SCR = 1).
Bits[6:5]—Open
Bits[4:0]—JESD204B number of lanes (L)
0 = one lane per link (L = 1).
JESD204B Parameter, F (Address 0x6F, Read Only)
Bits[7:0]—JESD204B number of octets per frame (F)
The readback from this register is calculated from the following
equation: F = (M × 2)/L.
The valid value for F is F = 2, with M = 1 and L = 1.
JESD204B Parameter, K (Address 0x70)
Bits[7:0]—JESD204B Number of Frames per Multiframe (K)
This register sets the K value for the JESD204B interface which
defines the number of frames per multiframe. The value must
be a multiple of 4.
JESD204B Parameter, M (Address 0x71)
Bits[7:0]—JESD204B Number of Converters (M)
0 = link connected to one ADC. Only primary input used (M = 1).
JESD204B Parameters, N/CS (Address 0x72)
Bits[7:6]—Number of control bits (CS)
00 = no control bits sent per sample (CS = 0).
01 = one control bit sent per sample—overrange bit enabled
(CS = 1).
10 = two control bits sent per sample—overflow/underflow bits
enabled (CS = 2).
Bits[5:4]—Open
Bits [3:0]—ADC converter resolution (N)
Read only bits showing the converter resolution (reads back 13
(0xD) for 14-bit resolution).
JESD204B Parameter, Subclass/N’ (Address 0x73)
Bit 7—Reserved
Bits[6:5]—JESD204B subclass
When Bits[6:5] are 00, the device operates in Subclass 0 mode, and
when Bits[6:5] are 01, the device operates in Subclass 1 mode.
Bit 4—Reserved
Bits[3:0]—JESD204B N’ value
Read only bits showing the total number of bits per sample,
minus 1 (reads back 15 (0xF) for 16 bits per sample).
JESD204B Samples per Converter per Frame Cycle (S)
(Address 0x74)
Bits[7:6]—Open
Bit 5—Reserved; set to 1
Bits[4:0]—JESD204B samples per converter per frame per
cycle (S)
Read only bits showing the number of samples per converter
frame cycle, minus 1 (reads back 0 (0x0) for one sample per
converter frame).
JESD204B Parameters HD and CF (Address 0x75)
Bit 7—JESD204B high density (HD) value (read only)
Read only bit. Always set to 0.
Bits[6:5]—Open
Bits[4:0]—JESD204B control words per frame clock cycle per
link (CF)
Read only bits. Reads back 0x0.
JESD204B Reserved 1 (Address 0x76)
Bits[7:0]—JESD204B Reserved Field 1
This read/write register is available for customer use.
JESD204B Reserved 2 (Address 0x77)
Bits[7:0]—JESD204B Reserved Field 2
This read/write register is available for customer use.
JESD204B Checksum (Address 0x79)
Bits[7:0]—JESD204B checksum value for the output lane
This read only register is automatically calculated for the lane.
Checksum equals sum (all link configuration parameters for the
lane) modulus 256.
JESD204B Output Driver Control (Address 0x80)
Bits[7:1]—Reserved
Bit 1—JESD204B driver power-down
When this bit is set low, the JESD204B output drivers are enabled.
When this bit is set high, the JESD204B output drivers are
powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com