Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices AD9683 Datasheet HTML 10Page - Analog Devices AD9683 Datasheet HTML 11Page - Analog Devices AD9683 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD9683
Data Sheet
Rev. 0 | Page 8 of 44
SWITCHING SPECIFICATIONS
Table 4.
AD9683-170
AD9683-250
Parameter
Symbol
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate1
fS
Full
40
170
40
250
MSPS
SYSREF± Setup Time to Rising Edge CLK±2
tREFS
Full
300
300
ps
SYSREF± Hold Time from Rising Edge CLK±2
tREFH
Full
40
40
ps
SYSREF± Setup Time to Rising Edge RFCLK±2
tREFSRF
Full
400
400
ps
SYSREF± Hold Time from Rising Edge RFCLK±2
tREFHRF
Full
0
0
ps
CLK± Pulse Width High
tCH
Divide-by-1 Mode, DCS Enabled
Full
2.61
2.9
3.19
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
2.76
2.9
3.05
1.9
2.0
2.1
ns
Divide-by-2 Mode Through Divide-by-8 Mode
Full
0.8
0.8
ns
Aperture Delay
tA
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter)
tJ
Full
0.16
0.16
ps rms
DATA OUTPUT PARAMETERS
Data Output Period or Unit Interval (UI)
Full
20 × fS
20 × fS
Seconds
Data Output Duty Cycle
25°C
50
50
%
Data Valid Time
25°C
0.82
0.78
UI
PLL Lock Time
tLOCK
25°C
25
25
µs
Wake-Up Time
Standby
25°C
10
10
µs
ADC (Power-Down)3
25°C
250
250
µs
Output (Power-Down)4
25°C
50
50
µs
SYNCINB± Falling Edge to First K.28 Characters
Full
4
4
Multiframes
CGS Phase K.28 Characters Duration
Full
1
1
Multiframe
Pipeline Delay
JESD204B (Latency)
Full
36
36
Cycles5
Fast Detect (Latency)
Full
7
7
Cycles5
Lane Rate
Full
3.4
5
5
Gbps
Uncorrelated Bounded High Probability (UBHP) Jitter
Full
10
12
ps
Random Jitter
At 3.4 Gbps
Full
2.4
ps rms
At 5 Gbps
Full
1.7
ps rms
Output Rise/Fall Time
Full
60
60
ps
Differential Termination Resistance
25°C
100
100
Ω
Out-of-Range Recovery Time
Full
3
3
Cycles5
1
Conversion rate is the clock rate after the divider.
2
Refer to Figure 3 for timing diagram.
3
Wake-up time ADC is defined as the time required for the ADC to return to normal operation from power-down mode.
4
Wake-up time output is defined as the time required for JESD204B output to return to normal operation from power-down mode.
5
Cycles refers to ADC conversion rate cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com