Electronic Components Datasheet Search
  English  ▼

X  

AD9683 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9683
Description  14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9683 Datasheet HTML 24Page - Analog Devices AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices AD9683 Datasheet HTML 27Page - Analog Devices AD9683 Datasheet HTML 28Page - Analog Devices AD9683 Datasheet HTML 29Page - Analog Devices AD9683 Datasheet HTML 30Page - Analog Devices AD9683 Datasheet HTML 31Page - Analog Devices AD9683 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9683
Data Sheet
Rev. 0 | Page 28 of 44
Frame and Lane Alignment Monitoring and Correction
Frame alignment monitoring and correction is part of the JESD204B
specification. The 14-bit word requires two octets to transmit all
the data. The two octets (MSB and LSB), where F = 2, make up
a frame. During normal operating conditions, frame alignment
is monitored via alignment characters, which are inserted under
certain conditions at the end of a frame. Table 14 summarizes the
conditions for character insertion along with the expected characters
under the various operation modes. If lane synchronization is
enabled, the replacement character value depends on whether
the octet is at the end of a frame or at the end of a multiframe.
Based on the operating mode, the receiver can ensure that it is
still synchronized to the frame boundary by correctly receiving
the replacement characters.
Digital Outputs and Timing
The AD9683 has differential digital outputs that power up by
default. The driver current is derived on chip and sets the output
current at each output equal to a nominal 3 mA. Each output
presents a 100 Ω dynamic internal termination to reduce
unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 600 mV p-p swing at the receiver
(see Figure 62). Alternatively, single-ended 50 Ω termination
can be used. When single-ended termination is used, the
termination voltage must be DRVDD/2; otherwise, ac coupling
capacitors can be used to terminate to any single-ended voltage.
100Ω
OR
100Ω
DIFFERENTIAL
TRACE PAIR
SERDOUT0+
DRVDD
VRXCM
SERDOUT0–
VCM = Rx VCM
OUTPUT SWING = 600mV p-p
0.1µF
0.1µF
RECEIVER
Figure 62. AC-Coupled Digital Output Termination Example
The AD9683 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point-to-point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common mode
of the digital output automatically biases itself to half the supply
of the AD9683 (that is, the common-mode voltage is 0.9 V for a
supply of 1.8 V) if a dc-coupled connection is used (see Figure 63).
For a receiver logic that is not within the bounds of the DRVDD
supply, use an ac-coupled connection. Simply place a 0.1 µF
capacitor on each output pin and derive a 100 Ω differential
termination close to the receiver side.
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM = DRVDD/2
OUTPUT SWING = 600mV p-p
RECEIVER
SERDOUT0+
SERDOUT0–
Figure 63. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than six inches, and that the differential output traces be
close together and at equal lengths.
Figure 64 shows an example of the digital output (default) data eye
and time interval error (TIE) jitter histogram and bathtub curve for
the AD9683 lane running at 5 Gbps.
Additional SPI options allow the user to further increase the output
driver voltage swing or enable preemphasis to drive longer trace
lengths (see Address 0x15 in Table 17). The power dissipation
of the DRVDD supply increases when this option is used. See the
Memory Map section for more details.
The format of the output data is twos complement by default.
To change the output data format to offset binary, see the
Memory Map section (Address 0x14 in Table 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com