Electronic Components Datasheet Search
  English  ▼

X  

PAM2306D Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2306D
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306D Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2306D Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pin No.
Pin Name
Pin Function
1
VIN2
Power Input of Channel 2.
2
LX2
Pin f or Switching of Channel 2.
3,9,
Exposed Pad
GND
Ground.The exposed pad must be soldered to a large PCB and connected to
GND f or maximum power dissipation.
4
FB1
Feedback of Channel 1.
5,11
NC1, NC2
No Connection
6
EN1
Chip Enable of Channel 1 (Active High).VEN1≤VIN1.
7
VIN1
Power Input of Channel 1.
8
LX1
Pin for Switching of Channel 1.
10
FB2
Feedback of Channel 2.
12
EN2
Chip Enable of Channel 2 (Active High). VEN2≤VIN2.
PAM2306D
Dual High-Efficiency PWM Step-Down DC-DC Coverter
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin Configuration and Marking Information
TOP VIEW
WDFN-12L 3x3
v :
v :
Output Voltage 2
(refer to “Ordering
Information”)
X:
Internal Code
Y:
Year
W: Week
1
2
Output Voltage 1
VIN2
LX2
N 1
C
F 1
B
E 2
N
N 2
C
F 2
B
L 1
X
GND
GND
E 1
N
VIN1
11
10
9
1
2
3
4
5
12
6
7
8
GN D
(Exposed Pad)
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com