Electronic Components Datasheet Search
  English  ▼

X  

PAM2306D Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2306D
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306D Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2306D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F,,Vo=1.2V, L=4.7 H, unless otherwise noted.
A
IN
O
μ
μ
μ
PAM2306D
Dual High-Efficiency PWM Step-Down DC-DC Coverter
02/2012 Rev1.1
Vo=1.2V
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2
3
4
5
6
7
Supply Voltage(V)
1.50
1.52
1.54
1.56
1.58
20
40
60
80
100
120
140
Temperature(℃)
Oscillator Frequency vs Supply Voltage
Oscillator Frequency vs Temperature
Load Transient
Io=0-1A, Vo=3.3V, Vin=5V
Load Transient
Io=0-1A, Vo=1.2V, Vin=5V
Output
Voltage
Output
Current
Output
Current
Reference Voltage vs Load Current
Output Voltage vs Load Current
1. 200
1. 205
1. 210
1. 215
1. 220
1. 225
1. 230
1. 235
0
200
400
600
800
1000
Output Current(m A )
Vi n=3.6V
Vi n=4.2V
Vi n=5.0V
598
600
602
604
606
608
610
612
614
0
200
400
6 00
800
1000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V
Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com