Electronic Components Datasheet Search
  English  ▼

X  

PAM2306D Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2306D
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306D Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2306D Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM2306D
Dual High-Efficiency PWM Step-Down DC-DC Coverter
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
02/2012 Rev1.1
Features
Applications
General Description
n Efficiency up to 96%
Only 40µA (Typ. per Channel) Quiescent
Current
Output Current: Up to 1A per Channel
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
Small 12L WDFN3x3 Package
RoHS Compliant
Cellular Phone
Portable Electronics
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
The PAM2306D is a dual step-down current-
mode, DC-DC converter. At heavy load, the
c o n s t a n t - f r e q u e n c y P W M c o n t r o l p e r f o r m s
excellent stability and transient response. To
ensure the longe st ba ttery life in portable
applications, the PAM2306D provides a power-
saving Pulse-Skipping Modulation (PSM) mode to
r e d u c e q u i e sc e n t c u r r e n t u n d e r li g h t l o a d
operation.
The PAM 23 06 D sup po rts a ra ng e o f in pu t
voltages from 2.5V to 5.5V, allowing the use of a
single Li+/Li-polymer cell, multiple Alkaline/NiMH
cell, USB, and other standard power sources. The
dual output voltages are available for adjustmen t.
All versions employ internal power switch and
synchronous rectifier for to minimize external part
c o u n t a n d r e a l i z e h i g h e f f i c i e n c y. D u r i n g
shutdown, the input is disconnected from the
output and the shutdown current is less than
0.1 A. Other key features include under-voltage
lockout to prevent deep battery discharge.
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Pb-Free Package and
μ
Typical Application
(
)
Rx2
Rx1
1
V
V
REF
OUTx
+
=
EN2
NC2
FB2
V IN2
LX2
FB1
PAM2306D
1
2
4
9
10
11
G ND
LX1
G ND
8
5
NC1
3
12
VOUT2
L2
10 F
μ
CIN2
100 pF
V IN1
7
6
E N1
V IN1
4.7
μF
L1
R22
4.7
μF
V OUT1
100 pF
10 F
μ
R12
V IN2
C
Fw1
COUT1
CIN1
COUT2
C
FW2
R11
R21


Similar Part No. - PAM2306D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2306DYP DIODES-PAM2306DYP Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
More results

Similar Description - PAM2306D

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2306 PAM-PAM2306 Datasheet
407Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Power Analog Micoelectr...
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com