Electronic Components Datasheet Search
  English  ▼

X  

PAM2808 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2808
Description  5W High Power HBLED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2808 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2808 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.poweranalog.com
,
Power Analog Microelectronics Inc
Typical Performance Characteristics
T =25°C,C =4.7 F,Co=4.7 F,unless otherwise noted.
A
IN
μ
μ
08/2011 Rev1.0
PAM2808
5W High Power HBLED Driver
1. LED Current vs Input Voltage
2. Feedback Voltage vs Input Voltage
3. Dropout Voltage vs LED Current
0
200
400
600
800
1000
1200
1400
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage(V)
1W
2W
3W
5W
0
20
40
60
80
100
120
3.0
3.5
4.0
4. 5
5.0
5.5
6.0
Input Voltage(V)
1W
2W
3W
5W
0
50
100
150
200
250
300
350
0
500
1000
1500
2000
LED Current (mA)
4. Start up



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com