Electronic Components Datasheet Search
  English  ▼

X  

PAM2808 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2808
Description  5W High Power HBLED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2808 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

  PAM2808 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ordering Information
7
www.poweranalog.com
,
Power Analog Microelectronics Inc
Output Voltage
Number of Pins
PAM2808X X X xxx X
Shipping Package
Package Type
Pin Configuration
08/2011 Rev1.0
Pin Configuration
Package Type
Num ber of Pins
Shipping Package
B Type:
1. NC
2. VIN
3. EN
4. GND
5. NC
6. FB
7. VOUT
8. NC
L: SOP-8(EP)
B: 8
R: Tape & Reel
Part Number
Marking
Package T ype
MOQ & Shipping Pckage
PAM2808BLBR
P2808
XXXYW
SOP-8(EP)
2,500 Units /Tapes &Reel
PAM2808
5W High Power HBLED Driver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com