Electronic Components Datasheet Search
  English  ▼

X  

PAM2808 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2808
Description  5W High Power HBLED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2808 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2808 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Typical Application Circuit
PAM2808
5W High Power HBLED Driver
1
www.poweranalog.com
08/2011 Rev1.0
,
Power Analog Microelectronics Inc
Features
n High Output Current Up to 1.5A
Standard SOP-8(EP) Packages
Pb-Free Package
High Bright LED Driver
White LED Torch (Flashlight)
The PAM2808 is a 5W high power HBLED driver
with 1.5A constant current. It features high
efficiency and low quiescent current,making it
ideal for battery powered applications.
The PAM2808 features over current protection
and over temperature shutdown. The PAM2808 is
stable with a ceramic output capacitor of 4.7 F or
higher.
PAM2808 is available in SOP-8(EP) package.
n
n
n
n
n
n
n
n
Low Feedback Voltage:0.1V
Stable with a Ceramic Output Capacitor
Low Quiescent Current
Open Load LED Protection
Over Temperature Shutdown
Low Temperature Coefficient
Applications
General Description
n
n
μ
VIN
VOUT
VIN
VOUT
GND
EN
FB
PAM2808
Rs
C
4.7 F
μ
IN
C
O
4.7 F
μ


Similar Part No. - PAM2808

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
5W HIGH POWER HBLED DRIVER
Rev 2
PAM2808BLBR DIODES-PAM2808BLBR Datasheet
494Kb / 8P
5W HIGH POWER HBLED DRIVER
Rev 2
More results

Similar Description - PAM2808

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
High Power LED - 5W
EHP-B03LS-UT04-P05 EVERLIGHT-EHP-B03LS-UT04-P05 Datasheet
327Kb / 10P
High Power LED - 5W
08-20-2007
logo
Sony Corporation
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
5W High Power Laser Diode
logo
P-tec Corporation
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
5W HIGH POWER HBLED DRIVER
Rev 2
logo
Elite Enterprises (H.K....
PG1C-5LWE ELITE-PG1C-5LWE Datasheet
1Mb / 17P
5W High CRI Power LED
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com