Electronic Components Datasheet Search
  English  ▼

X  

PAM2808 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2808
Description  5W High Power HBLED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2808 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

  PAM2808 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2808 Datasheet HTML 8Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.poweranalog.com
,
Power Analog Microelectronics Inc
External Capacitor Requirements
Regulator Protection
Thermal Information
A 4.7µF or larger ceramic input bypass capacitor,
connected between V
and GND and located
close to the PAM2808, is required for stability. A
4.7 F minimum value capacitor from V to GND is
also required. To improve transient response,
noise rejection, and ripple rejection, an additional
1 0 µF
o r
l a r g e r ,
l o w
E S R
c a p a c i t o r
i s
recommended at the output. A higher-value, low
ESR output capacitor may be necessary if large,
fast-rise-time load transients are anticipated and
the device is located several i nches from the
power source, especially if the minimum input
voltage of 2.5 V is used.
The PAM2808 features internal current limiting,
thermal protection and short circuit protection.
During normal operation, the PAM2808 limits
output current to about 2.5A. When current
limiting engages, the output voltage scales back
linearly until the over current condition ends.
While current limiting is designed to prevent
gross device failure, care should be taken not to
exceed the power dissipation ratings of the
pa ckag e. If th e tem perat ure of th e device
exceeds 150°C, thermal-protection circuitry will
shut down. Once the device has cooled down to
approximately 40°C below the high temp trip
point, regulator operation resumes.
The amount of heat generates is:
P =(V -V )I .
All integrated circuits have a maximum allowable
junction temperature (T
max) above which
normal operation is not assured. A system
designer must design the operating environment
so that the operating junction temperature (T )
d o e s n o t
e x c e e d
t h e
m a x i m u m
j u n c t i o n
t e m p e r a t u r e
( T
m a x ) .
T h e
t w o
m a i n
environmental variables that a designer can use
to improve thermal performance are air flow and
e x t e r n a l h e a t s i n k s . T h e p u r p o s e o f t h i s
information is to aid the designer in determining
the proper operating environment for a linear
regulator that is operating at a specific power
level.
I n g e n e r a l , t h e m a x im u m e x p e c t e d p o w e r
(P (max)) consumed by a linear regulator is
computed as:
Where:
V
is the average input voltage.
V
is the average output voltage.
I
is the average output current.
I
is the quiescent current.
The quiescent current is insignificant compared
to the average output current; therefore, the term
V
xI
can be neglected. The operating junction
temperature is computed by adding the ambient
temperature (T ) and the increase in temperature
due to the regulator' s power dissipation. The
temperature rise is computed by multiplying the
maximum expected power dissipation by the sum
of the thermal resistances between the junction
and the case R
), the case to heatsink (R
),
and the heatsink to ambient (R
). Thermal
resistances are measures of how effectively an
object dissipates heat. Typically, the larger the
device, the more surface area available for power
dissipation so that the object’
s thermal resistance
will be lower.
IN
O
D
IN
O
O
J
J
J
D
I (avg)
O(avg)
O(avg)
(Q)
I(avg)
(Q)
A
JC
CS
SA
μ
(
l
l
l
l
θ
θ
θ
Application Information
( )
( )
(
) ( ) ( ) ( )
DMAX
I avg
O avg
O avg
I avg
Q
P
= V
-V
×I
+V
×I
08/2011 Rev1.0
PAM2808
5W High Power HBLED Driver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com