Electronic Components Datasheet Search
  English  ▼

X  

PAM3110 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3110 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
3
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3110
Input Voltage...............................................6V
Storage Temperature
65
to 150
Maximum Junction Temperature
150
....................-
..................
Lead Soldering Temperature (5sec)........... 300
°
°
°
°
C
C
C
C
Supply Voltage Range.......................2.5V to 5.5V
°
°
°
Junction Temperature Range........-40
to 125
°
Ambient Temperature Range...........-40 C to 85 C
C
C
1.5A Low Dropout Voltage CMOS Regulator
Parameter
Symbol
Package
Maximum
Unit
SOT-223
7
Thermal Resistance (Junction to Case)
θJC
TO-252
7
SOT-223
160
Thermal Resistance (Junction to Ambient)
θ
JA
TO-252
90
°C/W
SOT-223
625
PD
TO-252
1200
mW
TO-263
7
TO-263
60
TO-263
2000
06/2011 Rev2.2
Internal Power Dissipation
@TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com