Electronic Components Datasheet Search
  English  ▼

X  

PAM3110 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3110 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PAM3110
5
www.poweranalog.com
,
Power Analog Microelectronics Inc
Typical Performance Characteristics
T =25°C,C =4.7 F,C
=4.7 F,unless otherwise noted.
A
IN
μ
μ
OUT
1.5A Low Dropout Voltage CMOS Regulator
Vo=3.3V
Vo=3.3V
1. Output Voltage vs Input Voltage
2. Output Voltage vs Output Current
3. Quiescent Current vs Input Voltage
4. Quiescent Current vs Temperature
40
50
60
70
80
90
1 00
0
3 0
60
90
120
150
Tem perature(℃)
3.24
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
3.35
3.36
0
300
600
900
1200
1500
O utput Current(m A)
Vin=3.6V
Vin=4.2V
Vin=5V
40
50
60
70
80
90
100
3.3
3.5 3.7 3.9
4.1 4.3 4.5
4.7
4.9
5.1 5.3
5.5
Input Current(V)
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage( V)
Io=10mA
Io=500mA
Io=1.5A
06/2011 Rev2.2
5. Maximum Output Current vs Input Voltage
0.5
0.7
0.9
1.1
1.3
1.5
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com