Electronic Components Datasheet Search
  English  ▼

X  

PAM3110 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM3110 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PAM3110
7
www.poweranalog.com
,
Power Analog Microelectronics Inc
The PAM3110 fa mily of low-drop ou t (L DO)
regulators have several features that allow them
to apply to a wide range of applications. The
family operates with very low input voltage and
low dropout voltage (typically 300mV at full load),
making it an efficient stand-alone power supply or
post regulator for battery or switch mode power
supplies. The 1.5A output current make the
PAM3110 family suitable for powering many
microprocessors and FPGA supplies.
A 4.7µF or larger ceramic input bypass capacitor,
connected between V
and GND and located
close to the PAM3110, is required for stability. A
4.7 F minimum value capacitor from V to GND is
also required. To improve transient response,
noise rejection, and ripple rejection, an additional
1 0 µF
o r
l a r g e r ,
l o w
E S R
c a p a c i t o r
i s
recommended at the output. A higher-value, low
ESR output capacitor may be necessary if large,
fast-rise-time load transients are anticipated and
the device is located several inches from the
power source, especially if the minimum input
voltage of 2.5 V is used.
The PAM3110 features internal current limiting,
thermal protection and short circuit protection.
During normal operation, the PAM3110 limits
output current to about 2A. When current limiting
engages, the output voltage scales back linearly
until the over current condition ends. While
current limiting is designed to prevent gross
device failure, care should be taken not to exceed
the power dissipation ratings of the package. If
the temperature of the device exceeds 150°C,
thermal-protection circuitry will shut down. Once
the device has cooled down to approximately
30°C below the high temp trip point, regulator
operation resumes. The short circuit current of
the PAM3110 is about 0.5A when its output pin is
shorted to ground.
The amount of heat that an LDO linear regulator
generates is:
P =(V -V )I .
All integrated circuits have a maximum allowable
junction temperature (T
max) above which
normal operation is not assured. A system
designer must design the operating environment
so that the operating junction temperature (T )
d o e s
n o t
e x c e e d t h e
m a x i m u m j u n c t i o n
t e m p e r a t u r e
( T
m a x ) .
T h e
t w o
m a i n
environmental variables that a designer can use
to improve thermal performance are air flow and
e x t e r n a l h e a t s i n k s . T h e p u r p o s e
o f t h i s
information is to aid the designer in determining
the proper operating environment for a linear
regulator that is operating at a specific power
level.
I n g e n e r a l , t h e m a x im u m e x p e c t e d p o w e r
(P (max)) consumed by a linear regulator is
computed as:
Where:
V
is the average input voltage.
V
is the average output voltage.
I
is the average output current.
I
is the quiescent current.
For most LDO regulators, the quiescent current is
insignificant compared to the average output
current; therefore, the term V
xI
can be
neglected. The operating junction temperature is
computed by adding the ambient temperature (T )
and the increase in temperature due to the
regulator' s power dissipation. The temperature
rise is computed by multiplying the maximum
expected power dissipation by the sum of the
thermal resistances between the junction and the
case R
), the case to heatsink (R
), and the
heatsink to ambient (R
). Thermal resistances
are measures of how effectively an object
dissipates heat. Typically, the larger the device,
the more surface area available for power
dissipation so that the object’
s thermal resistance
will be lower.
External Capacitor Requirements
Regulator Protection
Thermal Information
IN
O
D
IN
O
O
J
J
J
D
I (avg)
O(avg)
O(avg)
(Q)
I(avg)
(Q)
A
JC
CS
SA
μ
(
l
l
l
l
θ
θ
θ
Application Information
( )
( )
(
) ( ) ( ) ( )
DMAX
I avg
O avg
O avg
I avg
Q
P
= V
-V
×I
+V
×I
1.5A Low Dropout Voltage CMOS Regulator
06/2011 Rev2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com