Electronic Components Datasheet Search
  English  ▼

X  

PAM3110 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3110
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3110 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3110 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3110 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristic
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Output Voltage Accuracy
VO
I =100mA
-1.5
1.5
%
O
I
O =500mA
Vo ≥2.5V
200
Dropout Voltage
VDROP
I
O =1.5A
Vo ≥2.5V
400
mV
Short Circuit Current
ISC
Vo<0.3V
500
mA
Quiescent Current
IQ
I
O=0mA
150
A
μ
V
O≤ 2.5V Io=10mA
,
VIN =Vo+1.5V to Vo+2.5V
Line Regulation
LNR
V >
O
2.5V I
,
O=10mA
VIN =Vo+0.5V to Vo+1.5V
0. 5
1
%/V
Load Regulation
LDR
I
O=1mA to 100mA
%
Over Temperature Shutdown
OTS
160
°C
Over Temperature Hysteresis
OTH
30
°C
Temperature Coefficient
TC
40
ppm/°C
f=100Hz
55
f=1kHz
50
Power Supply Ripple
Rejection
PSRR
I
O =100mA
f=10kHz
35
dB
4
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3110
V =V +0.5V, T =25°C, C =4.7 F, C
=4.7 F, unless otherwise noted.
IN
O
A
IN
OUT
μ
μ
1.5A Low Dropout Voltage CMOS Regulator
75
0.5
1
Current Limit
ILIM
2
A
06/2011 Rev2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com