Electronic Components Datasheet Search
  English  ▼

X  

PAM8006 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8006 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
QFN5X5
TS SOP-28
Name
Function
2
5
RINN
Negative differential audio in put for right chann el
3
6
RINP
Po sitive differential audio input for ri ght cha nnel
1,8 ,17,24
-
NC
No Conne cted
5
8
AVD D
5V A nalog V DD
4
7
MUTE
A logic high on this pin disab les the outputs and a logic low ena bles the outpu ts.
6
9
LINP
Po sitive differential audio input for left ch annel
7
10
LINN
Negative differential audio in put for left channel
9,16
11 ,18
PGNDL
Po wer ground for left channel H- bridge
1 0,15
12,17
PV CCL
Po wer sup ply for left channe l H-bridge, not connected to PVCCR o r AVCC.
11
13
LOUTN
Class-D 1/2-H-br idg e negative output for left cha nnel
12
14
BSLN
Bo otstra p I/O for left cha nnel, n egative h igh-side FET
13
15
BSLP
Bo otstra p I/O for left cha nnel, p ositive high-sid e FET
14
16
L OUTP
Class-D 1/2-H-br idg e posi tive output for left channel
18
19
COSC
I/O for char ge/d isch arging currents onto capacitor for ramp generator triangle
wave biased at V 2P5
22
23
AVC C
High-voltage analog power sup ply (7.5V to 18V)
19
20
V 2P5
2.5V Re fere nce for ana log cells, as well as reference for unused au dio in put
when usin g singl e-e nded inputs.
20
21
A GND
An alog GND
23
24
S D
Sh utdown signal for IC (low= shutdown, hi gh =oper ational). TTL logic levels with
compliance to VCC.
21
22
VCLA MP
Internally generated voltage supply b ootstrap capacitors.
2 5,32
4 ,25
P GNDR
Po wer ground for rig ht cha nnel H-br idge
2 6,31
3 ,26
PVCCR
Po wer sup ply for r ig ht channel H-b ridge, not connected to PVCCL or AVCC.
27
27
ROUTP
Class-D 1/2-H-br idg e posi tive output for right cha nnel
28
28
BSRP
Bo otstra p I/O for right channel, positive h ig h-side FET
29
1
BSRN
Bo otstra p I/O for right channel, negative high-sid e FE T
30
2
ROUTN
Class-D 1/2-H-br idg e negative output for right channel
Pin Descriptions
4
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
03/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com