Electronic Components Datasheet Search
  English  ▼

X  

PAM8006 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8006 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Par ameter
Symbol
condition
MIN
TY P
MAX
Units
Supply Voltage
VCC
7.5
12
18
V
THD+ N=0.1%,f=1kHz,RL=8Ω
5
THD+ N=1.0%,f=1kHz,RL=8Ω
8
THD+ N=10%,f=1kHz,RL=8Ω,
V CC= 13 V
10
Continuous Output Power
Po
THD+N=10%,f=1kHz,RL=4Ω ( No t e )
15
W
Total Harmonic Distortion plus
Noise
THD+N
PO=5W, f=1kHz, RL =8Ω
0.1
%
Quiescent Current
ICC
(no load)
20
30
mA
Supply Quiescent Current in
shutdown mode
ISD
SHUTDOWN=0V
4
10
µA
High side
300
Low side
300
Drain-source on-state
resistance
rds(on)
VCC=12V
IO=1A
TA=25℃
Total
600
m
Ω
Power Supply Ripple Rejection
Ratio
PSRR
1VPP ripple, f=1kHz, Inputs
ac -coupled to ground
-60
dB
Oscillator Frequency
fOSC
CO SC = 22 0 p F
250
k Hz
Output Integrated Noise Floor
Vn
20Hz to 22 kHz, A-weighting
-90
dB
Crosstalk
CS
PO=3W, RL=8Ω , f=1kHz
-80
dB
Signal to Noise Ratio
SNR
Maximum output at THD+N< 0.5%,
f=1k Hz
95
dB
Output offset voltage
(measured differentially)
|VOS|
INN and INP connected together
30
mV
2.5V Bias voltage
V2P5
No Load
2.5
V
Internal Analog supply Voltage
AVDD
VCC=7.5V to 18V
5
5.5
V
Over Temperature Shutdown
OTS
150
°C
Thermal Hysteresis
OTH
40
°C
6
,
Power Analog Microelectronics Inc
Electrical Characteristic
T =25
V =12V,Gv=24dB,R =8
(unless otherwise noted)
A
CC
L
,
Ω
°C
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
Note: Heat sink is required for high power output.
03/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com