Electronic Components Datasheet Search
  English  ▼

X  

PAM8006 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
MUTE Operation
Shutdown Operation
The MUTE pin is an input for controlling the output
state of the PAM8006. A logic high on this pin
disables the outputs and low enables the outputs.
This pin may be used as a quick disable or enable
of the outputs.
For power saving, the
pin should be used to
reduce the quiescent current to the absolute
minimum level.
The PAM8006 employs a shutdown operation
mode to reduce supply current to the absolute
minimum level during periods of non-use to save
power. The
input terminal should be held high
during normal operation when the amplifier is in
use. Pulling
low causes the outputs to mute
and the amplifier to enter a low-current state.
should never be left unconnected to prevent the
amplifier from unpredictable operation.
For the best power-off pop performance, the
amplifier should be set in shutdown mode prior to
removing the power supply voltage.
SD
SD
SD
SD
hash on the line, a good low equivalent-series-
resistance (ESR) ceramic capacitor, typically
1µF, is recommended, placing as close as
possible to the device’
s VCC lead. To filter lower-
frequency noises, a large aluminum electrolytic
capacitor of 10µF or greater is recommended,
placing near the audio power amplifier. The 10µF
capacitor also serves as a local storage capacitor
f o r s u p p l y i n g c u r r e n t d u r i n g l a r g e s i g n a l
transients on the amplifier outputs.
The full H-bridge output stages use NMOS
tra nsistors only. They therefore require bootstrap
capacitors for the high side of each output to turn
on correctly. A at least 220nF ceramic capacitor,
rated for at least 25V, must be connected from
each output to its corresponding bootstrap input.
Sp ecif ica lly, on e 22 0 nF cap a cito r m us t b e
connected from xOUTP to xBSP, and another
220nF capacitor from xOUTN to xBSN. It is
recommended to use 1 F BST capacitor to
replace 220nF (pin15, pin16, pin35 and pin36)
for lower than 100Hz applications.
To ensure that the maximum gate-to-source
voltage for the NMOS output transistors not
exceeded, two internal regulators are used to
clamp the gate voltage. Two 1µF capacitors must
be connected from VCLAMP to ground and must
be rated for at least 25V. The voltages at the
VCLAMP terminals vary with V
and may not be
used to power any other circuitry.
BSN and BSP Capacitors
VCLAMP Capacitors
μ
CC
I n t e r n a l 2 . 5 V B i a s G e n e r a t o r C a p a c i t o r
Selection
Power Supply Decoupling, C
The internal 2.5V bias generator (V2P5) provides
the internal bias for the preamplifier stage. The
e xt e r n a l in p u t ca p a cit o r s a n d t h is in t e r n a l
reference allow the inputs to be biased within the
o p t i m a l c o m m o n - m o d e r a n g e o f t h e i n p u t
preamplifiers.
The selection of the capacitor value on the V2P5
terminal is critical for achieving the best device
performance. During startup or recovery from
shutdown state, the V2P5 capacitor determines
the rate at which the amplifier starts up. When the
voltage on the V2P5 capacitor equals 0.75 x
V2P5, or 75% of its final value, the device turns on
and the class-D outputs start switching. The
startup time is not critical for the best de-pop
performance since any heard pop sound is the
result of the class-D output switching-on other
than that of the startup time. However, at least a
0.47µF capacitor is recommended for the V2P5
capacitor.
Another function of the V2P5 capacitor is to filter
high frequency noise on the internal 2.5V bias
generator.
The PAM8006 is a high-performance CMOS audio
amplifier that requires adequate power supply
decoupling to ensure the output total harmonic
distortion (THD) as low as possible. Power supply
decoupling also prevents oscillations caused by
long lead between the amplifier and the speaker.
The optimum decoupling is achieved by using two
capacitors of different types that target different
types of noise on the power supply leads. For
higher frequency transients, spikes, or digital
S
03/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com