Electronic Components Datasheet Search
  English  ▼

X  

PAM8006 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8006 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Typical Application
Key Features
Applications
10W@10%THD / Channel Output into a 8
Load at 13V
Power Supply Range: 7.5V to 18V
Low SNR: 95dB
Over 90% Efficiency
With Shutdown/Mute Function
Over Current , Thermal, Short-Circuit
Protection and UVLO
Low THD+N
Low Quiescent Current
Pop noise suppression
Small Package Outlines: Thin 32-pin QFN
5mm*5mm and TSSOP-28PP Package
Flat Monitor /LCD TVs
Multi-media Speaker System
DVD players, Game machines
Boom Box
Music instruments
Ω
n
n
n
n
n
n
General Description
The PAM8006 is a 10W (per channel) stereo
class-D audio amplifier with fixed gain which
offers low THD+N, low EMI, and good PSRR thus
high-quality sound reproduction.
The PAM8006 runs off from a 7.5V to 18V supply
at much higher efficiency than competitors’ICs.
The PAM8006 only requires very few external
components, significantly saving cost and board
space.
The PAM8006 is available in a 32pin QFN
5mm*5mm and TSSOP-28PP package.
n
n
n
n
n
n
n
n
n
n
RoHS Pass and Green Package
PAM8006
10W Stereo Class-D Audio Power Amplifier
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
03/2011 Rev1.0
RINN
RINP
AVDD
LINP
LINN
COSC
VCLAMP
AVCC
V2P5
AGND
SD
RINN
1 F
μ
1 F
μ
RINP
1 F
μ
1 F
μ
LINN
1 F
μ
LINP
1 F
μ
10 F
μ
1 F
μ
1 F
μ
1 F
μ
10 F
μ
220pF
GND
MUTE
VCC
GND
SHUTDOWN
1 F
μ
GND
GND
1 F
μ
10 F
μ
1 F
μ
1 F
μ
1 F
μ
10 F
μ
PAM8006
GND
1 F
μ
10 F
μ
100nF
MUTE
MUTE
SHUTDOWN


Similar Part No. - PAM8006

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
logo
Power Analog Micoelectr...
PAM8006ATR PAM-PAM8006ATR Datasheet
457Kb / 15P
15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8006ATR DIODES-PAM8006ATR Datasheet
544Kb / 13P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
Rev 1
More results

Similar Description - PAM8006

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YDA138 YAMAHA-YDA138 Datasheet
1Mb / 20P
D- 3 STEREO 10W DIGITAL AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
10W 10W Stereo Class-D Amplifier
24-Nov-2005
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
10W Stereo Class-D Speaker Driver Amplifier
logo
Monolithic Power System...
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
10W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com