Electronic Components Datasheet Search
  English  ▼

X  

PAM8007 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8007 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Block Diagram
2
Pin Configuration & Marking Information
SSOP24
Top View
+OUT_L
PGNDL
PGNDL
-OUT_L
PVDDL
MUTE
VDD
INL
EarInL
VDC
VREF
EarOutL
EarOutR
VOLUME
LINE/EAR
EarInR
INR
GND
SHDN
PVDDR
-OUT_R
PGNDR
PGNDR
+OUT_R
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
X: Internal Code
Y: Year
WW: Week
LL: Internal Code
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
VDD/2
VDD/2
VDD
INR
LINE/EAR
MUTE
SHDN
INL
GND
PVDD
PGND
-OUT_L
+OUT_L
VREF
-OUT_R
+OUT_R
PGND
PVDD
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OSC
BIAS
AND
REFERENCES
MODULATOR
DRIVER
Thermal
Protection
Current
Protection
+
-
-
Headphone
EarOutR
Headphone
EarOutL
VOLUME
EarInR
EarInL
VDC
SOP24
Top View
+OUT_L
PGNDL
PGNDL
-OUT_L
PVDDL
MUTE
VDD
INL
EarInL
VDC
VREF
EarOutL
EarOutR
VOLUME
LINE/EAR
EarInR
INR
GND
SHDN
PVDDR
-OUT_R
PGNDR
PGNDR
+OUT_R
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
-
+
+
+
-
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com