Electronic Components Datasheet Search
  English  ▼

X  

PAM8007 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8007 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Electrical Characteristic
V =5V, Gain = 24dB, R =8
T =25°C, unless otherwise noted.
DD
L
A
Ω,
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNITS
Class D Stage
Supply Voltage Range
VDD
2.5
5.5
V
Quiescent Current
IQ
No Load
12
16
mA
Output Offset Voltage
V
OS
No Load
10
50
mV
P MOSFET
0.23
Drain-Source On-State Resistance
RDS(ON)
IDS=0.5A
N MOSFET
0.17
Ω
RL= 8Ω
1.55
1.75
Output Power
PO
THD+N=10%,
f=1kHz
RL= 4Ω
2.85
3.1
W
RL=8Ω, PO=1W,f=1KHz
0.12
Total Harmonic Distortion Plus Nois e THD+ N
RL=4Ω, PO=2W,f=1KHz
0.15
%
Power Supply Ripple Rejection
PSRR
Input AC-GND, f=1KHz, Vpp=200mV
63
dB
Channel Separation
CS
Vo=1Vrms, f=1KHz
-88
dB
Osc illator Frequency
fOSC
200
250
300
k Hz
PO=1.75W,f=1kHz, RL=8Ω
85
92
%
Efficiency
η
PO=3.0W,f=1k Hz, RL=4Ω
80
88
%
A-weighting
65
Nois e
Vn
Input AC-GND
Gain=12dB
No A-weighting
90
uV
Signal Noise Ratio
SNR
f=20-20kHz, THD=1%
84
dB
Earphone Stage
Output Power
PO
THD+N=1%,
RL=32Ω, f=1kHz
69
mW
Total Harmonic Distortion Plus Nois e THD+ N
RL=32Ω, PO=10mW, f=1kHz
0.04
%
Power Supply Ripple Rejection
PSRR
Input AC-GND, f=1kHz, Vpp=2 00mV
73
dB
Channel Separation
CS
Vo=1Vrms, f=1kHz
95
dB
A-weighting
19
Nois e
Vn
Input
AC-GND
No A-weighting
25
uV
Signal Noise Ratio
SNR
f=20-20kHz, THD=1%
97
dB
Control Section
Mute Current
IMUTE
VMUTE= 0V
8
12
mA
Shutdown Current
ISHDN
VSHDN= 0V
20
µA
SHDN Input High
VSH
1.5
SHDN Input Low
VSL
0.4
V
MUTE Input High
VMH
1.5
MUTE Input Low
VML
0.4
V
Line/Ear Input High
VDH
2.5
Line/Ear Input Low
VDL
0.4
V
Over Temperature Protection
OTP
150
°C
Over Temperature Hysteresis
OTH
30
°C
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com