Electronic Components Datasheet Search
  English  ▼

X  

PAM8007 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8007 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Key Features
Applications
3W Output at 10% THD with a 4
Load and
5V Power Supply
Filterless, Low Quiescent Current and Low
EMI
Low THD+N
64-step DC Volume Control
Headphone Output Function
Superior Low Noise
Low pop noise
Efficiency up to 92%
Short Circuit Protection
Thermal Shutdown
Few External Components to Save the
Space and Cost
LCD Monitors / TV Projectors
Notebook Computers
Portable Speakers
Portable DVD Players, Game Machines
VoIP/Speaker Phones
directly
It can extend the battery life
thus be ideal for portable ap plications.
Ω
n
n
n
n
n
General Description
The PAM8007 is a 3W, class-D audio amplifier
with headphone amplifier. Advanced 64-step DC
volume control minimizes external components
a n d
a l l o w s s p e a k e r v o l u m e
c o n t r o l a n d
headphone volume control. It offers low THD+N,
to produce high-quality sound reproduction. The
new filterless architecture allows the device to
drive the speaker
, without low-pass output
filters which will save 30% system cost and 75%
PCB area.
With the same numbers of external components,
the efficiency of the PAM8007 is muc h better than
class-AB cousins.
The PAM8007 is available in a SSOP-24 and SOP-
24 package.
,
n
n
n
n
n
n
n
n
n
n
n
n Pb-Free Package
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
1
www.poweranalog.com
Typical Application
,
Power Analog Microelectronics Inc
MUTE
6
5
EarInL
15
EarInR
Line/ Ear
H: Headphone
L: Class D
(de fault)
EarOutL
EarOutR
-
-OUTR
+OUTR
21
24
VDC
-
-OUTL
+OUTL
VDD
1
4
VREF
11
DC Volume
14
10
7
17
16
PVDDL
PGN DL
PGN DL
3
Headphone
13
12
2
PVDDR
0.47 F
μ
INL
8
PGNDR PGN DR
INR
GND
9
INL
PAM8007
INR
20
18
SHDN
MUTE
VDD
V OLUME
23
19
SHDN
ON
22
ON
PVDDL
0.47 F
μ
0.47 F
μ
0.47 F
μ
1 F
μ
1 F
μ
1 F
μ
10 F
μ
1 F
μ
10 F
μ
+
-
+
-
220 F
μ
220 F
μ
01/2012 Rev1.2


Similar Part No. - PAM8007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007DHR DIODES-PAM8007DHR Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007NHR DIODES-PAM8007NHR Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
More results

Similar Description - PAM8007

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8603A DIODES-PAM8603A Datasheet
545Kb / 16P
ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
Rev 1
logo
Eutech Microelectronics...
EUA2075 EUTECH-EUA2075 Datasheet
795Kb / 1P
2.8W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com