Electronic Components Datasheet Search
  English  ▼

X  

PAM8007 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8007 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Typical Operating Characteristics(T =25°C)
A
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
15. Rdson VS Output Current
13. Output Power VS Supply Voltage
14. Output Power VS Supply Voltage
18. Gain Step
Speaker
17. Switching Frequency VS Supply Voltage
16. Quiescent Current
0
500
1000
1500
2000
2500
3000
3500
4000
2
3
4
5
6
Supply Voltage(V )
RL=4
Ω
VDD=5V
0
500
1000
1500
2000
2500
2
3
4
5
6
Supply Voltage(V)
RL=8
Ω
VDD=5V
150
170
190
210
230
250
270
290
0
500
1000
1500
2000
Output Current(mA)
R-Pmos
R-Nmos
0
2
4
6
8
10
12
14
16
2
3
4
5
6
Supply Voltage(V)
238
240
242
244
246
248
250
252
254
256
2
2.5
3
3.5
4
4.5
5
5.5
6
S upply V oltage(V)
-50
-40
-30
-20
-10
0
10
20
30
0
20
40
60
80
Step
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com